Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 4 Page - Lattice Semiconductor

  PALCE22V10 Datasheet HTML 1Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 2Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 3Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 4Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 5Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 6Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 7Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 8Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
PALCE22V10 and PALCE22V10Z Families
Programmable Three-State Outputs
Each output has a three-state output buffer with three-state control. A product term controls the
buffer, allowing enable and disable to be a function of any product of device inputs or output
feedback. The combinatorial output provides a bi-directional I/O pin, and may be configured as
a dedicated input if the buffer is always disabled.
Programmable Output Polarity
The polarity of each macrocell output can be active high or active low, either to match output
signal needs or to reduce product terms. Programmable polarity allows Boolean expressions to be
written in their most compact form (true or inverted), and the output can still be of the desired
polarity. It can also save “DeMorganizing” efforts.
Selection is controlled by programmable bit S0 in the output macrocell, and affects both registered
and combinatorial outputs. Selection is automatic, based on the design specification and pin
definitions. If the pin definition and output equation have the same polarity, the output is
programmed to be active high (S0 = 1).
Preset/Reset
For initialization, the PALCE22V10 has preset and reset product terms. These terms are connected
to all registered outputs. When the synchronous preset (SP) product term is asserted high, the
output registers will be loaded with a HIGH on the next LOW-to-HIGH clock transition. When the
asynchronous reset (AR) product term is asserted high, the output registers will be immediately
loaded with a LOW independent of the clock.
Figure 2. Macrocell Configuration Options
DQ
CLK
SP
AR
a. Registered/active low
S0 = 0
S1 = 0
b. Combinatorial/active low
S0 = 0
S1 = 1
DQ
CLK
SP
AR
c. Registered/active high
S0 = 1
S1 = 0
d. Combinatorial/active high
S0 = 1
S1 = 1
16564E-005
Q
Q


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com