![]() |
Electronic Components Datasheet Search |
|
GAL22V10C-5LJ Datasheet(PDF) 9 Page - Lattice Semiconductor |
|
|
GAL22V10C-5LJ Datasheet(HTML) 9 Page - Lattice Semiconductor |
9 / 29 page ![]() Specifications GAL22V10 9 Specifications GAL22V10C Supply voltage V CC ....................................... - 0.5 to +7V Input voltage applied ........................... -2.5 to V CC +1.0V Off-state output voltage applied .......... -2.5 to V CC +1.0V Storage Temperature ................................. -65 to 150 °C Ambient Temperature with Power Applied ......................................... -55 to 125 °C 1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress only ratings and functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications). COMMERCIAL ICC Operating Power Supply Current VIL = 0.5V VIH = 3.0V L-5 — 90 150 mA ftoggle = 15MHz Outputs Open L-7 — 90 140 mA L-10 — 90 130 mA VIL Input Low Voltage Vss – 0.5 — 0.8 V VIH Input High Voltage 2.0 — Vcc+1 V IIL1 Input or I/O Low Leakage Current 0V ≤ VIN ≤ VIL (MAX.) —— –100 µA IIH Input or I/O High Leakage Current 3.5V ≤ VIN ≤ VCC —— 10 µA VOL Output Low Voltage IOL = MAX. Vin = VIL or VIH —— 0.5 V VOH Output High Voltage IOH = MAX. Vin = VIL or VIH 2.4 —— V IOL Low Level Output Current —— 16 mA IOH High Level Output Current —— –3.2 mA IOS2 Output Short Circuit Current VCC = 5V VOUT = 0.5V T A = 25°C –30 —–130 mA Commercial Devices: Ambient Temperature (T A) ............................. 0 to +75°C Supply voltage (V CC) with Respect to Ground ..................... +4.75 to +5.25V Industrial Devices: Ambient Temperature (T A) ............................ -40 to 85°C Supply voltage (V CC) with Respect to Ground ..................... +4.50 to +5.50V Over Recommended Operating Conditions (Unless Otherwise Specified) SYMBOL PARAMETER CONDITION MIN. TYP.3 MAX. UNITS INDUSTRIAL ICC Operating Power Supply Current VIL = 0.5V VIH = 3.0V L-7/-10 — 90 160 mA ftoggle = 15MHz Outputs Open 1) The leakage current is due to the internal pull-up on all pins. See Input Buffer section for more information. 2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester ground degradation. Characterized but not 100% tested. 3) Typical values are at Vcc = 5V and TA = 25 °C Absolute Maximum Ratings1 Recommended Operating Conditions DC Electrical Characteristics |
Similar Part No. - GAL22V10C-5LJ |
|
Similar Description - GAL22V10C-5LJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |