Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100A-33 Datasheet(PDF) 10 Page - NEC

Part # UPD703100A-33
Description  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100A-33 Datasheet(HTML) 10 Page - NEC

Back Button UPD703100A-33 Datasheet HTML 6Page - NEC UPD703100A-33 Datasheet HTML 7Page - NEC UPD703100A-33 Datasheet HTML 8Page - NEC UPD703100A-33 Datasheet HTML 9Page - NEC UPD703100A-33 Datasheet HTML 10Page - NEC UPD703100A-33 Datasheet HTML 11Page - NEC UPD703100A-33 Datasheet HTML 12Page - NEC UPD703100A-33 Datasheet HTML 13Page - NEC UPD703100A-33 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
10
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
1. DIFFERENCES AMONG PRODUCTS
Part Number
µPD703100
µPD703101
µPD703102
µPD70F3102
Item
-33
-40
A-33
A-40
-33
A-33
-33
A-33
-33
A-33
Internal ROM
None
96 Kbytes
(mask ROM)
128 Kbytes
(mask ROM)
128 Kbytes
(flash memory)
Maximum operating
frequency
33 MHz
40 MHz
33 MHz
40 MHz
33 MHz
HVDD
4.5 to 5.5 V
3.0 to 3.6 V
4.5 to
5.5 V
3.0 to
3.6 V
4.5 to
5.5 V
3.0 to
3.6 V
4.5 to
5.5 V
3.0 to
3.6 V
Operation mode
Single-chip
mode 0, 1
None
Provided
Flash memory
programming
mode
None
Provided
Flash memory
programming pin
None
Provided (VPP)
Electrical
specifications
Current consumption differs (refer to the data sheet of each product).
Package
144LQFP
144LQFP
157FBGA
144LQFP
144LQFP
157FBGA
144LQFP
144LQFP
157FBGA
144LQFP
144LQFP
157FBGA
Others
Noise tolerance and noise radiation will differ due to the differences in circuit scale and mask layout.
Remark 144LQFP: 144-pin plastic LQFP (fine pitch) (20
× 20 mm)
157FBGA: 157-pin plastic FBGA (14
× 14 mm)


Similar Part No. - UPD703100A-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703100A-33 RENESAS-UPD703100A-33 Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703100A-33

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com