Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100A-33 Datasheet(PDF) 6 Page - NEC

Part # UPD703100A-33
Description  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100A-33 Datasheet(HTML) 6 Page - NEC

Back Button UPD703100A-33 Datasheet HTML 2Page - NEC UPD703100A-33 Datasheet HTML 3Page - NEC UPD703100A-33 Datasheet HTML 4Page - NEC UPD703100A-33 Datasheet HTML 5Page - NEC UPD703100A-33 Datasheet HTML 6Page - NEC UPD703100A-33 Datasheet HTML 7Page - NEC UPD703100A-33 Datasheet HTML 8Page - NEC UPD703100A-33 Datasheet HTML 9Page - NEC UPD703100A-33 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
6
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
PIN IDENTIFICATION
A0 to A23:
Address Bus
P50 to P57:
Port 5
ADTRG:
AD Trigger Input
P60 to P67:
Port 6
ANI0 to ANI7:
Analog Input
P70 to P77:
Port 7
AVDD:
Analog Power Supply
P80 to P87:
Port 8
AVREF:
Analog Reference Voltage
P90 to P97:
Port 9
AVSS:
Analog Ground
P100 to P107:
Port 10
BCYST:
Bus Cycle Start Timing
P110 to P117:
Port 11
CKSEL:
Clock Generator Operating Mode Select
P120 to P127:
Port 12
CLKOUT:
Clock Output
PA0 to PA7:
Port A
CS0 to CS7:
Chip Select
PB0 to PB7:
Port B
CVDD:
Clock Generator Power Supply
PX5 to PX7:
Port X
CVSS:
Clock Generator Ground
RAS0 to RAS7:
Row Address Strobe
D0 to D15:
Data Bus
RD:
Read
DMAAK0 to DMAAK3: DMA Acknowledge
REFRQ:
Refresh Request
DMARQ0 to DMARQ3: DMA Request
RESET:
Reset
HLDAK:
Hold Acknowledge
RXD0, RXD1:
Receive Data
HLDRQ:
Hold Request
SCK0 to SCK3:
Serial Clock
HVDD:
Power Supply for External Pins
SI0 to SI3:
Serial Input
INTP100 to INTP103, Interrupt Request from Peripherals
SO0 to SO3:
Serial Output
INTP110 to INTP113,
TC0 to TC3:
Terminal Count Signal
INTP120 to INTP123,
TCLR10 to TCLR15: Timer Clear
INTP130 to INTP133,
TI10 to TI15:
Timer Input
INTP140 to INTP143,
TO100, TO101,
Timer Output
INTP150 to INTP153:
TO110, TO111,
IORD:
I/O Read Strobe
TO120, TO121,
IOWR:
I/O Write Strobe
TO130, TO131,
LCAS:
Lower Column Address Strobe
TO140, TO141,
LWR:
Lower Write Strobe
TO150, TO151:
MODE0 to MODE3: Mode
TXD0, TXD1:
Transmit Data
NMI:
Non-Maskable Interrupt Request
UCAS:
Upper Column Address Strobe
OE:
Output Enable
UWR:
Upper Write Strobe
P00 to P07:
Port 0
VDD:
Power Supply for Internal Unit
P10 to P17:
Port 1
VSS:
Ground
P20 to P27:
Port 2
WAIT:
Wait
P30 to P37:
Port 3
WE:
Write Enable
P40 to P47:
Port 4
X1, X2:
Crystal


Similar Part No. - UPD703100A-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703100A-33 RENESAS-UPD703100A-33 Datasheet
759Kb / 87P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703100A-33

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com