Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703100A-33 Datasheet(PDF) 3 Page - NEC

Part # UPD703100A-33
Description  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100A-33 Datasheet(HTML) 3 Page - NEC

  UPD703100A-33 Datasheet HTML 1Page - NEC UPD703100A-33 Datasheet HTML 2Page - NEC UPD703100A-33 Datasheet HTML 3Page - NEC UPD703100A-33 Datasheet HTML 4Page - NEC UPD703100A-33 Datasheet HTML 5Page - NEC UPD703100A-33 Datasheet HTML 6Page - NEC UPD703100A-33 Datasheet HTML 7Page - NEC UPD703100A-33 Datasheet HTML 8Page - NEC UPD703100A-33 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
3
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
PIN CONFIGURATION (Top view)
157-pin plastic FGBA (14
×××× 14 mm)
µPD703100AF1-33-FA1
µPD703100AF1-40- FA1
µPD703101AF1-33-×××-FA1
µPD703102AF1-33-×××-FA1
TR P N M L K J H G F E D C BA
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
Bottom View
AB C D E F G H J K L M N P RT
Top View
Index mark
Index mark
(1/2)
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
A1
B1
INTP103/DMARQ3/P07
C1
INTP101/DMARQ1/P05
A2
D0/P40
B2
D1/P41
C2
INTP102/DMARQ2/P06
A3
D2/P42
B3
D3/P43
C3
VSS
A4
D4/P44
B4
D5/P45
C4
VSS
A5
D6/P46
B5
D7/P47
C5
HVDD
A6
D8/P50
B6
D9/P51
C6
VSS
A7
D10/P52
B7
D11/P53
C7
D12/P54
A8
D13/P55
B8
D14/P56
C8
D15/P57
A9
A0/PA0
B9
A1/PA1
C9
HVDD
A10
A2/PA2
B10
A3/PA3
C10
A4/PA4
A11
A5/PA5
B11
A6/PA6
C11
A7/PA7
A12
A8/PB0
B12
A9/PB1
C12
VSS
A13
A10/PB2
B13
A11/PB3
C13
A12/PB4
A14
A13/PB5
B14
A14/PB6
C14
A18/P62
A15
A15/PB7
B15
A17/P61
C15
A19/P63
A16
B16
A16/P60
C16


Similar Part No. - UPD703100A-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703100A-33 RENESAS-UPD703100A-33 Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703100A-33

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com