Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6336 Datasheet(PDF) 5 Page - NEC

Part # UPD6336
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6336 Datasheet(HTML) 5 Page - NEC

  UPD6336 Datasheet HTML 1Page - NEC UPD6336 Datasheet HTML 2Page - NEC UPD6336 Datasheet HTML 3Page - NEC UPD6336 Datasheet HTML 4Page - NEC UPD6336 Datasheet HTML 5Page - NEC UPD6336 Datasheet HTML 6Page - NEC UPD6336 Datasheet HTML 7Page - NEC UPD6336 Datasheet HTML 8Page - NEC UPD6336 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µPD6325, µPD6326, µPD6335, µPD6336
ELECTRICAL CHARACTERISTICS
(TA = –40 to +85
°C, VSS = 0 V, VCC = 4.5 to 5.5 V, VDD = VCC to 15 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Current Consumption
IDD
15
mA
No Load, for
µPD6326, 6336
Current Consumption
IDD
10
mA
No Load, for
µPD6325, 6335
No Load of DATA OUT,
Static Consumption
Input Leak Current
IILEAK
±1
µAVIN = VCC or VSS
High Level
Output Voltage
Low Level
Output Voltage
Emitter Follower Leak Current
IOLEAK
20
µA
for
µPD6325, 6326
Setling Time
tDA set
10
µs
Note
Note
µPD6325, 6326: RL = 20 kΩ, CL = 50 pF
µPD6335, 6336: No Load.
Current Consumption of Interface
ICC
10
µA
DATA OUT
IOL
100
µAVOL = 0.5 V
DATA OUT
IOH
–100
µAVOH = VDD –0.5 V


Similar Part No. - UPD6336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6336 RENESAS-UPD6336 Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
UPD6336C RENESAS-UPD6336C Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD6336

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
REV. A
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
   Octal 8-Bit CMOS D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
   CMOS Octal 8-Bit D/A Converter
1989
logo
NEC
UPD6951 NEC-UPD6951 Datasheet
216Kb / 10P
   6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com