Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6336 Datasheet(PDF) 4 Page - NEC

Part # UPD6336
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6336 Datasheet(HTML) 4 Page - NEC

  UPD6336 Datasheet HTML 1Page - NEC UPD6336 Datasheet HTML 2Page - NEC UPD6336 Datasheet HTML 3Page - NEC UPD6336 Datasheet HTML 4Page - NEC UPD6336 Datasheet HTML 5Page - NEC UPD6336 Datasheet HTML 6Page - NEC UPD6336 Datasheet HTML 7Page - NEC UPD6336 Datasheet HTML 8Page - NEC UPD6336 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Supply Voltage
VDD,VCC
–0.5 to +18, VCC
≤ VDD
V
Output Voltage
VOUT
–0.5 to VDD +0.5
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Input Current
IIN
10
mA
Emitter Follower Current
IOE
10
mA
Power Dissipation
PD
500*/200**
mW
Operating Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–65 to +125
°C
*DIP
**SOP
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Supply Voltage
VDD
VCC
15
V
VCC
≤ VDD
Supply Voltage of Interface
VCC
4.5
5.0
5.5
V
VCC
≤ VDD
Low Level Input Voltage
VIL
0.8
V
VCC = 5 V, VDD = 5 to 15 V
High Level Input Voltage
VIH
3.5
V
VCC = 5 V, VDD = 5 to 15 V
Only
µPD6325 & µPD6326
Emitter Follower Power Dissipation 1
PE/unit
5
mW
TA = 85
°C
Emitter Follower Power Dissipation 2
PE/unit
15
mW
TA = 70
°C
Emitter Follower Power Dissipation 3
PE total
25
mW
TA = 85
°C
Emitter Follower Power Dissipation 4
PE total
75
mW
TA = 70
°C
TIMING CONDITIONS (TA = –40 to +85
°C, VSS = 0 V, VCC = 5 V, VDD = VCC to 15 V)
CLOCK High Level Width
tCH
4.0
µs
CLOCK Low Level Width
tCL
10.0
µs
CLOCK Rise Time
tcr
1.0
µs
CLOCK Fall Time
tcf
1.0
µs
DATA IN Setup Time
tDsetup
2
µs
DATA IN Hold Time
tDhold
10
µs
Pulse Width, LOAD High
tW(LOAD)
4
µs
LOAD Lead Time
tLIead
10
µs
LOAD Lag Time
tLIag
10
µs


Similar Part No. - UPD6336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6336 RENESAS-UPD6336 Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
UPD6336C RENESAS-UPD6336C Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD6336

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
REV. A
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
   Octal 8-Bit CMOS D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
   CMOS Octal 8-Bit D/A Converter
1989
logo
NEC
UPD6951 NEC-UPD6951 Datasheet
216Kb / 10P
   6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com