Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6336 Datasheet(PDF) 3 Page - NEC

Part # UPD6336
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6336 Datasheet(HTML) 3 Page - NEC

  UPD6336 Datasheet HTML 1Page - NEC UPD6336 Datasheet HTML 2Page - NEC UPD6336 Datasheet HTML 3Page - NEC UPD6336 Datasheet HTML 4Page - NEC UPD6336 Datasheet HTML 5Page - NEC UPD6336 Datasheet HTML 6Page - NEC UPD6336 Datasheet HTML 7Page - NEC UPD6336 Datasheet HTML 8Page - NEC UPD6336 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µPD6325, µPD6326, µPD6335, µPD6336
PIN CONFIGURATION
Pin No.
Symbol
Pin Name
Function
µPD
µPD
11VCC
Interface Power Supply
2
2
DATA IN
Serial Data Input
4
3
CLOCK
Shift Clock Input
5
4
LOAD
Load Pulse Input
7
6
DATA OUT
Serial Data Output
88
VSS
Ground
–7
DA8
Analog Output Channel 8
Analog Output
–9
DA7
Analog Output Channel 7
Analog Output
–10
DA6
Analog Output Channel 6
Analog Output
–11
DA5
Analog Output Channel 5
Analog Output
12
12
DA4
Analog Output Channel 4
Analog Output
13
13
DA3
Analog Output Channel 3
Analog Output
14
14
DA2
Analog Output Channel 2
Analog Output
15
15
DA1
Analog Output Channel 1
Analog Output
This pin is used to interface with the control IC
(ex. micro processor). Supply the voltage high
level of the control IC.
Control data input terminal. Data is read in syn-
chronization with the clocks input to the CLOCK
terminal.
Data read clock input terminal. The Data input
to the DATA IN terminal is read at the leading
edge of the clock.
This terminal is used to input Load signals after
inputting serial data. 12 bit data is read after
leading edge of a pulse input to the LOAD terminal.
Serial data output terminal. The final stage data
of 12 bit shift register appeares on this terminal
in synchronization with shift clock.
System ground.
D7 the data of the shift register appears on this
terminal. (Only
µPD6325 and µPD6335)
D6 the data of the shift register appears on this
terminal.
Reference Voltage for D/A converters. Analog
output voltage range is GND to VDD.
16
16
VDD
Power Supply
9
OPTION2
Expantion Output Port
10
5
OPTION1
Expanttion Output Port
6325
6335
6326
6336


Similar Part No. - UPD6336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6336 RENESAS-UPD6336 Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
UPD6336C RENESAS-UPD6336C Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD6336

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
REV. A
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
   Octal 8-Bit CMOS D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
   CMOS Octal 8-Bit D/A Converter
1989
logo
NEC
UPD6951 NEC-UPD6951 Datasheet
216Kb / 10P
   6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com