Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 14Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 15Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 16Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 17Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 18Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 19Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 20Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 21Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 16 of 124
REJ03B0136-0100Z
Fig. 8.2.4 Memory Map of Special Function Register (SFR) (2)
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16 OSD control register (OC)
Color register 5 (CO5)
Color register 7 (CO7)
Color register 8 (CO8)
Timer 1 (T1)
Block 2V register (B2VP)
Color register 1 (CO1)
Color register 2 (CO2)
SPRITE H register (SHP)
SPRITE V register (SVP)
Block H register (BHP)
Block 1V register (B1VP)
Timer 2 (T2)
Timer 3 (T3)
Timer 4 (T4)
Timer mode register 1 (TM1)
Timer mode register 2 (TM2)
PWM5 register (PWM5)
Block 1 control register (B1C)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Color register 3 (CO3)
Color register 4 (CO4)
Color register 6 (CO6)
CPU mode register (CM)
b7
b0
SC0
SC1
SC2
SC3
OC0
OC1
OC2
TM20
TM21
TM22
TM23
TM24
TM10
TM11
TM12
TM13
TM14
CM2
TM1R
TM2R
TM3R
TM4R
OSDR
VSCR
IT3R
CK0
MSR
IT1R
IT2R
S1R
TM1E
TM2E
TM3E
TM4E
OSDE
VSCE
IT3E
IT1E
IT2E
S1E
MSE
TM25
b7
b0
CK0
?
?
?
?
???
?
0
FF16
0716
FF16
0716
?
?
?
00
??
?
00
TM15
0
0
0
01
1
1
0016
0016
0016
0016
0?
?
3C16
0016
0016
0016
0016
SPRITE control register (SC)
OSD I/O polarity control register (OPC)
Test register
Test register
ADE
ADR
SPE
SPR
IICR
B2C0
B2C1
B2C2
B2C3
B2C4
B1C0
B1C1
B1C2
B1C3
B1C4
0016
0016
CK0
00
??
?
0?
?
Block 2 control register (B2C)
BHP0
BHP1
BHP2
BHP3
BHP4
BHP5
B1VP0
B1VP1
B1VP2
B1VP3
B1VP4
B1VP5
B1VP6
B1VP7
B2VP0
B2VP1
B2VP2
B2VP3
B2VP4
B2VP5
B2VP6
B2VP7
SC4
SC5
SC6
SC7
SHP0
SHP1
SHP2
SHP3
SHP4
SHP5
SHP6
SVP0
SVP1
SVP2
SVP3
SVP4
SVP5
SVP6
SVP7
OC3
OC4
OC5
OC6
OC7
OPC0
OPC1
OPC2
OPC3
OPC4
OPC5
OPC6
OPC7
CO11
CO12
CO13
CO15
CO21
CO22
CO23
CO25
CO14
CO24
CO16
CO26
CO10
CO20
CO31
CO32
CO33
CO35 CO34
CO36
CO30
CO41
CO42
CO43
CO45 CO44
CO46CO40
CO51
CO52
CO53
CO55
CO61
CO62
CO63
CO65
CO54
CO64
CO56
CO66
CO50
CO60
CO71
CO72
CO73
CO75 CO74
CO76CO70
CO81
CO82
CO83
CO85 CO84
CO86
CO80
?
?
?
???
?
0
?
?
?
???
?
0
?
?
?
???
?
0
0016
?
?
?
???
?
0
?
?
?
???
?
0
?
?
?
???
?
0
?
?
?
???
?
0
0016
0016
?
?
s SFR area (addresses E016 to FF16)
Address
Register
Bit allocation
State immediately after reset
: Fix to this bit to “0”
(do not write to “1”)
:
<
Bit allocation >
<
State immediately after reset >
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
IICE
SHP7


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com