Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 96Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 97Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 98Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 99Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 100Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 101Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 102Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 103Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 98 of 124
REJ03B0136-0100Z
000016
00C016
00FF16
01FF16
SFR area
Zero page
021716
021D16
024016
010016
024F16
400016
FFFF16
FFDE16
FF0016
M37225MC-XXXSP
M37225ECSP
ROM
(48K bytes)
RAM
(2048 bytes)
Note: Refer to Table 8.10.3 OSD RAM.
1000016
13BFF16
1140016
154FF16
1540016
156FF16
1560016
OSD ROM
(15K bytes)
1FFFF16
178FF16
1780016
17AFF16
17A0016
158FF16
1580016
15AFF16
15A0016
15CFF16
15C0016
15EFF16
15E0016
160FF16
1600016
162FF16
1620016
164FF16
1640016
166FF16
1660016
168FF16
1680016
16AFF16
16A0016
16CFF16
16C0016
16EFF16
16E0016
170FF16
1700016
172FF16
1720016
174FF16
1740016
176FF16
1760016
00BF16
sM37225MA/MC-XXXSP, M37225ECSP
02E016
02C016
07FF16
030016
087716
080016
090016
09FF16
OSD RAM
(96 bytes)
(See note)
Not used
2 page register (1)
Not used
2 page register (2)
Not used
ROM correction function
Vector 1: address 02C016
Vector 2: address 02E016
Vector 3: address 030016
Not used
Not used
Interrupt vector area
Special page
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
Not used
M37225MA-XXXSP
ROM
(40K bytes)
600016


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com