Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 87Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 88Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 89Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 90Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 91Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 92Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 93Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 94Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 89 of 124
REJ03B0136-0100Z
Power source voltage VCC
Input voltage
CNVSS
Input voltage
P00–P07, P10–P17, P20–P27,
P30–P35, OSC1, XIN, P50, P51,
______
RESET
Output voltage
P06, P07, P10–P17, P20–P27,
P30–P32, P35, P52–P55,
XOUT, OSC2
Output voltage
P00–P05
Circuit current
P52–P55, P10–P17,
P20–P27, P30, P31, P35
Circuit current
P52–P55, P06, P07, P10, P15–P17,
P20–P23, P30–P32, P35
Circuit current
P11–P14
Circuit current
P00–P05
Circuit current
P24, P27
Power dissipation
Operating temperature
Storage temperature
Symbol
VCC, AVCC
VI
VI
VO
VO
IOH
IOL1
IOL2
IOL3
IOL4
Pd
Topr
Tstg
10. ABSOLUTE MAXIMUM RATINGS
Conditions
All voltages are
based on VSS.
Output transistors
are cut off.
Parametear
Ta = 25 °C
Unit
V
V
V
V
V
mA
mA
mA
mA
mA
mW
°C
°C
Ratings
–0.3 to 6
–0.3 to 6
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 13
0 to 1 (See note 1)
0 to 2 (See note 2)
0 to 6 (See note 2)
0 to 1 (See note 2)
0 to 10 (See note 3)
550
–10 to 70
–40 to 125
Power source voltage (See note 4), During CPU, OSD, data slicer operation
Power source voltage
HIGH input voltage
P00–P07, P10–P17, P20–P27, P30–P35,
SIN, SCLK, P50, P51, RESET, XIN, OSC1,
TIM2, TIM3, INT1–INT3
HIGH input voltage
SCL1, SCL2, SDA1, SDA2
LOW input voltage
P00–P07, P10–P17, P20–P27, P30–P35
LOW input voltage
SCL1, SCL2, SDA1, SDA2
LOW input voltage (See note 6)
P50, P51, RESET, TIM2, TIM3, INT1–INT3,
XIN, OSC1, SIN, SCLK
HIGH average output current (See note 1)
P52–P55, P10–P17, P20–P27,
P30, P31, P35
LOW average output current (See note 2)
P52–P55, P06, P07, P10,
P15–P17, P30–P32, P35
LOW average output current (See note 2)
P11–P14
LOW average output current (See note 2)
P00–P05
LOW average output current (See note 3)
P24–P27
Oscillation frequency (for CPU operation) (See note 5) XIN
Oscillation frequency (for OSD)
OSC1
Input frequency
TIM2, TIM3
Input frequency
SCLK
Input frequency
SCL1, SCL2
Limits
Min.
4.5
0
0.8VCC
0.7VCC
0
0
0
7.9
5.0
5.0
7.9
Typ.
5.0
0
8.0
8.0
8.0
8.0
Max.
5.5
0
VCC
VCC
0.4 VCC
0.3 VCC
0.2 VCC
1
2
6
1
10
8.1
9.0
17.0
8.1
100
1
400
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
MHz
MHz
kHz
MHz
MHz
11. RECOMMENDED OPERATING CONDITIONS (Ta = –10 °C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
VCC
VSS
VIH1
VIH2
VIL1
VIL2
VIL3
IOH
IOL1
IOL2
IOL3
IOL4
f(XIN)
fosc
fhs1
fhs2
fhs3
Symbol
Parameter
Unit
RC oscillating mode
LC oscillating mode
Ceramic oscillating mode


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com