Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 85Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 86Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 87Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 88Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 89Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 90Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 91Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 92Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 87 of 124
REJ03B0136-0100Z
8.13 CLOCK GENERATING CIRCUIT
The built-in clock generating circuit is shown in Figure 8.13.3. When
the STP instruction is executed, the internal clock
φ stops at HIGH.
At the same time, timers 3 and 4 are connected by hardware and
“FF16” is set in timer 3 and “0716” is set in the timer 4. Select f(XIN)/16
as the timer 3 count source (set bit 0 of the timer mode register 2 to
“0” before the execution of the STP instruction). Moreover, set the
timer 3 and timer 4 interrupt enable bits to disabled (“0”) before ex-
ecution of the STP instruction). The oscillator restarts when external
interrupt is accepted. However, the internal clock
φ keeps its HIGH
until timer 4 overflows, allowing time for oscillation stabilization when
a ceramic resonator or a quartz-crystal oscillator is used.
When the WIT instruction is executed, the internal clock
φ stops in
the HIGH but the oscillator continues running. This wait state is re-
leased when an interrupt is accepted (See note). Since the oscillator
does not stop, the next instruction can be executed at once.
When returning from the stop or the wait state, to accept an interrupt,
set the corresponding interrupt enable bit to “1” before executing the
STP or the WIT instructions.
Note: In the wait mode, the following interrupts are invalid.
• VSYNC interrupt
• OSD interrupt
• Timer 2 interrupt using external clock input from TIM2 pin as count
source
• Timer 3 interrupt using external clock input from TIM3 pin as count
source
• Timer 4 interrupt using f(XIN)/2 as count source
• Timer 1 interrupt using f(XIN)/4096 as count source
• f(XIN)/4096 interrupt
• Multi-master I2C-BUS interface interrupt
• A-D conversion interrupt
• SPRITE interrupt
A circuit example using a ceramic resonator (or a quartz-crystal os-
cillator) is shown in Figure 8.13.1. Use the circuit constants in accor-
dance with the resonator manufacture’s recommended values. A cir-
cuit example with external clock input is shown in Figure 8.13.2. In-
put the clock to the XIN pin, and open the XOUT pin.
Fig.8.13.1 Ceramic Resonator Circuit Example
Fig.8.13.2 External Clock Input Circuit Example
XIN
XOUT
CIN
Microcomputer
COUT
XIN
Microcomputer
Vcc
Vss
External oscillation circuit
Fig.8.13.3 Clock Generating Circuit Block Diagram
Interrupt request
Interrupt disable
flag I
Reset
SQ
R
STP instruction
SQ
R
WIT
instruction
S
Q
R
STP
instruction
Reset
Internal clock
φ
1/2
1/8
Timer 3
Timer 4
XOUT
XIN
TM20
TM22
Selection gate :
Connected to black
side at reset.
TM2 : Timer mode register 2


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com