Electronic Components Datasheet Search |
|
M37225M6 Datasheet(PDF) 78 Page - Renesas Technology Corp |
|
M37225M6 Datasheet(HTML) 78 Page - Renesas Technology Corp |
78 / 128 page M37225M6/M8/MA/MC-XXXSP, M37225ECSP Rev.1.00 Nov 01, 2000 page 76 of 124 REJ03B0136-0100Z (8) Multiline display This microcomputer can ordinarily display 2 lines on the CRT screen by displaying 2 blocks at different vertical positions. In addition, it can display 3 lines or more by using OSD interrupts. An OSD interrupt request occurs at the point at which display of each block has been completed. In other words, when a scanning line reaches the point of the display position (specified by the block i V registers) of a certain block, the character display of that block starts, and an interrupt occurs at the point at which the scanning line ex- ceeds the block. Fig. 8.10.26 Note on Occurence of OSD Interrupt Notes 1: An OSD interrupt does not occur at the end of display when the block is not displayed. In other words, if a block is set to off display by the display control bit of the block control register i (addresses 00F916 and 00FA16), an OSD interrupt request does not occur (refer to Fig- ure 8.10.26 (A)). 2: When another block display appeares while one block is displayed, an OSD interrupt request occurs only once at the end of the another block display (refer to Figure 8.10.26 (B)). 3: On the screen setting window, an OSD interrupt occurs even at the end of the block (off display) out of window (refer to Figure 12.11.36 (C)). (B) (C) Block 1 (on display) Block 2 (on display) Block 1' (on display) Block 2' (on display) Block 1 (on display) Block 2 (on display) Block 1' (off display) Block 2' (off display) “OSD interrupt request” “OSD interrupt request” “OSD interrupt request” “OSD interrupt request” “OSD interrupt request” “OSD interrupt request” No “OSD interrupt request” Block 1 Block 2 “OSD interrupt request” “OSD interrupt request” “OSD interrupt request” “OSD interrupt request” Block 1 Block 2 Block 1' On display (OSD interrupt request occurs at the end of block display) Off display (OSD interrupt request does not occur at the end of block display) Window No “OSD interrupt request” No “OSD interrupt request” (A) |
Similar Part No. - M37225M6_15 |
|
Similar Description - M37225M6_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |