Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 60Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 61Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 62Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 63Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 64Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 65Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 66Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 67Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 62 of 124
REJ03B0136-0100Z
The vertical display start position is determined by counting the hori-
zontal sync signal (HSYNC). At this time, when VSYNC and HSYNC are
positive polarity (negative polarity), it starts to count the rising edge
(falling edge) of HSYNC signal from after fixed cycle of rising edge
(falling edge) of VSYNC signal. So interval from rising edge (falling
edge) of VSYNC signal to rising edge (falling edge) of HSYNC signal
needs enough time (2 machine cycles or more) for avoiding jitter.
The polarity of HSYNC and VSYNC signals can select with the OSD I/
O polarity register (address 00EB16).
Fig. 8.10.10 Supplement Explanation for Display Position
When bits 0 and 1 of the I/O polarity control register
(address 00EB16) are set to “1” (negative polarity)
VSYNC signal input
VSYNC control
signal in
microcomputer
0.25 to 0.50 [
µs]
( at f(XIN) = 8MHz)
(See note 2)
Not count
123
4
5
Notes 1 : The vertical position is determined by counting falling edge of
HSYNC signal after rising edge of VSYNC control signal in the
microcomputer.
2 : Do not generate falling edge of HSYNC signal near rising edge
of VSYNC control signal in microcomputer to avoid jitter.
3 : The pulse width of VSYNC and HSYNC needs 8 machine cycles
or more.
8 machine cycles or more
8 machine cycles
or more
HSYNC
signal input
Period of counting
HSYNC signal
Fig. 8.10.11 Block i V Register (i = 1, 2)
The vertical display start position for each block can be set in 255
steps (where each step is 1H (H: HSYNC cycle)) as values “0116” to
“FF16” in block i V register (i = 1, 2) (addresses 00E116 to 00E216).
When setting the block i V register to “0116,” the display is started at
18H of count value of HSYNC signal. The vertical display start posi-
tion here indicates the top position of character display area in OSD/
BUTTON mode.
The block i V register is shown in Figures 8.10.11.
b7b6b5b4b3b2b1b0
Block i V register (BiVP) (i = 1, 2) [Addresses 00E116 and 00E216]
BNameFunctions
After reset R W
Block i V Register
0
to
7
Control bits of
vertical display
start positions
(BiVP0 to BiVP7)
(See note 1)
Indeterminate RW
Note: Set values except “0016” to BiVP.
Vertical display start positions = Hdef + H ✕ n
(n: setting value, Hdef: 17H, H: HSYNC)


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com