Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 58Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 59Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 60Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 61Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 62Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 63Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 64Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 65Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 60 of 124
REJ03B0136-0100Z
Fig. 8.10.8 Block i Control Register (i = 1, 2)
b2 b1 b0
Display mode
✕ 0
0
Display OFF
0
0
1
OSD mode (no border)
0
1
0
BUTTON mode (no border)
1
0
1
OSD mode (border)
1
1
0
BUTTON mode (border)
b7 b6 b5 b4 b3 b2 b1 b0
Block i control register (BiC) (i = 1, 2) [Addresses 00F916, 00FA16]
BName
Functions
After reset R W
Block i Control Register
0
to
2
Display mode
selection bits
(BiC0 to BiC2)
Indeterminate
3, 4 Dot size selection bit
(BiC3, BiC4)
RW
RW
Notes 1 : TOSC = OSD oscillation cycle
2 : H = HSYNC
b4 b3
Dot size
0
0
1TOSC ✕ 1H
0
1
Do not set
1
0
2TOSC ✕ 2H
1
1
3TOSC ✕ 3H
5
to
7
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R—
Indeterminate
8.10.1 Block Display
There are 2 display modes and they are selected by a block unit. The
display modes are selected by bits 0 to 2 of block i control register (i
= 1, 2).
The features of each mode are described below.
There are an extended display mode. This mode allows multiple lines
(3 lines or more) to be displayed on the screen by interrupting the
display each time one line is displayed and rewriting data in the block
for which display is terminated by software.
Table 8.10.2 Features of Each Display Style of Block Display
1 screen: 8 kinds (per character unit)
Kinds of character sizes
Dot size
Attribute
Character font coloring
Character background
coloring
Notes 1: TOSC = OSD oscillation cycle
2: H = HSYNC
3: The SPRITE display is not effected by the window function.
OSD mode
(On-screen display mode)
Block display
BUTTON mode
(BUTTON display mode)
Display style
Parameter
Number of display characters
24 characters ✕ 2 lines
Dot structure
Kinds of characters
381 kinds
Border (per block unit)
3 kinds
1TOSC ✕ 1H, 2TOSC ✕ 2H, 3TOSC ✕ 3H (per block unit) (See notes 1, 2)
16 ✕ 20 dots
Character display area: (16 dots + 4 dots )
(20 dots + 4 dots)
1 screen: 8 kinds (per character unit)
OSD output
R, G, B
Display expansion
(multiline display)
Possible
Display positionHorizontal: 64 levels, Vertical: 255 levels
Display mode
s Border (per block unit)
s BUTTON display (per character unit)
s Block shadow display (per character unit)
Raster coloringPossible (per screen unit)
Other functions
s Corresponding to bi-scan
s Window function (See note 3)
16 ✕ 20 dots


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com