Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 55Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 56Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 57Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 58Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 59Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 60Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 61Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 62Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 57 of 124
REJ03B0136-0100Z
(1) Clock for OSD
As a clock for display to be used for OSD, it is possible to select one
of the following 3 types.
• Main clock from the pins XIN and XOUT
• Clock from the LC or RC oscillator supplied from the pins OSC1
and OSC2
• Clock from the ceramic resonator or the quartz-crystal oscillator
from the pins OSC1 and OSC2
The clock for display to be used for OSD can be selected by bits 0
and 1 of the interrupt input polarity register (address 00CD16).
And besides, when selecting main clock, set the oscillation frequency
to 8 MHz.
Fig. 8.10.5 Interrupt Input Polarity Register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt input polarity register (IP) [Address 00CD16]
b
Name
Function
After reset R W
Interrupt Input Polarity Register
0
0
INT1 polarity
switch bit (POL1)
2
3
4
5
0 : Positive polarity
1 : Negative polarity
6, 7
0
R W
0
R W
0
R W
INT2 polarity
switch bit (POL2)
INT3 polarity
switch bit (POL3)
Fix these bits to “0.”
0
W
R
0
W
R
0, 1 OSD clock
selection bits
(OCG0, OCG1)
0
R W
Since the main clock is used as the
clock for OSD, the oscillation
frequency is limited. Because of
this, the character size in width
(horizonal) direction is also limited.
In this case, pins OSC1 and OSC2
are also used as input ports P33
and P34 respectively.
The clock for OSD is supplied by connecting the
following across the pins OSC1 and OSC2.
However, it is not corresponding to the bi-scan
mode.
• a ceramic resonator only for OSD and a
feedback resistor
• a quartz-crystal oscillator only for OSD and a
feedback resistor
b1
The clock for OSD is supplied by connecting RC
or LC across the pins OSC1 and OSC2. However,
it is not corresponding to the bi-scan mode.
Function
00
b0
OSD
oscillation
frequency =
f(XIN)
0
0
1
1
11
The clock for OSD is supplied by connecting LC
across the pins OSC1 and OSC2. In the bi-scan
mode, be sure to set this.
Fix this bit to “0.”
0 : Positive polarity
1 : Negative polarity
0 : Positive polarity
1 : Negative polarity
0


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com