Electronic Components Datasheet Search |
|
M37225M6 Datasheet(PDF) 58 Page - Renesas Technology Corp |
|
M37225M6 Datasheet(HTML) 58 Page - Renesas Technology Corp |
58 / 128 page M37225M6/M8/MA/MC-XXXSP, M37225ECSP Rev.1.00 Nov 01, 2000 page 56 of 124 REJ03B0136-0100Z Fig. 8.10.3 Configuration of OSD Character Display Area 16 dots 16 dots • Block Display (OSD Mode) • Block Display (BUTTON Mode) • SPRITE Display : BUTTON display area (displayed only in BUTTON mode) 2 dots 2 dots Fig. 8.10.4 OSD Control Register b3 b2 (See notes 3 and 4) 0 0 : Standard 0 1 : Standard + 1TOSC 1 0 : Standard + 2TOSC 1 1 : Standard + 3TOSC b7b6b5b4b3b2b1b0 OSD control register (OC) [Address 00EA16] BName Functions After reset R W OSD Control Register 0 OSD control bit (OC0) (See note 1) 0 : All-blocks display OFF 1 : All-blocks display ON 0 1 Border type selection bit (OC1) 0 : All bordered 1 : Shadow bordered (See note 2) 0 2, 3 0 4Window control bit (OC4) 0 Window horizontal position minute adjustment bit (OC2, OC3) RW RW RW RW 6Raster color OUT1 control bit (OC6) 0 : Window OFF 1 : Window ON 0R W 5 Scan mode selection bit (OC5) 0R W 0 : Normal scan mode 1 : Bi-scan mode (See note 5) Notes 1 : Even this bit is switched during display, the display screen remains unchanged until a rising (falling) of the next VSYNC. 2 : Shadow border is output at right and bottom side of the font. 3 : TOSC = OSD oscillation cycle 4 : These bits are vallid for both left border and right border (for detail, refer to “(8) Window Function.”) 5 : When setting to bi-scan mode, connect LC between pins OSC1 and OSC2. 0 : No output 1 : Output 7Raster color OUT2 control bit (OC7) 0R W 0 : No output 1 : Output |
Similar Part No. - M37225M6_15 |
|
Similar Description - M37225M6_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |