Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 50Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 51Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 52Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 53Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 54Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 55Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 56Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 57Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 52 of 124
REJ03B0136-0100Z
[LSB]
[LSB]
8.8.8 Definition of A-D Conversion Accuracy
The definition of A-D conversion accuracy is described below (refer
to Figure 8.8.4).
(1) Relative Accuracy
•Zero transition error (V0T)
The deviation of the input voltage at which A-D conversion output
data changes from “0” to “1,” from the corresponding ideal A-D
conversion characteristics between 0 and VREF.
• Non-linearity error
The deviation of the actual A-D conversion characteristics, from the
ideal A-D conversion characteristics between V0 and V254.
(V0 – 1/2 ✕ VREF/256)
1LSB
V0T =
(VREF – 3/2 ✕ VREF/256) – V254
1LSB
VFST =
Non-linearity error =
[LSB]
[LSB]
• EDifferential non-linearity error
The deviation of the input voltage required to change output data
by “1,” from the corresponding ideal A-D conversion characteris-
tics between 0 and VREF.
(2) Absolute Accuracy
• EAbsolute accuracy error
The deviation of the actual A-D conversion characteristics, from the
ideal A-D conversion characteristics between 0 and VREF.
Vn – (1LSB ✕ n + V0)
1LSB
[LSB]
Differential non-linearity error =
(Vn+1 – Vn) – 1LSB
1LSB
Absolute accuracy error =
1LSBA with respect to absolute accuracy =
1LSB with respect to relative accuracy =
Note: The analog input voltage “Vn” at which A-D conversion output data
changes from “n” to “n + 1” (n ; 0 to 254) is as follows (refer to Figure
8.8.4) :
V254 – V0
254
VREF
256
[V]
[V]
Fig. 8.8.4 Definition of A-D Conversion Accuracy
• Full-scale transition error (VFST)
The deviation of the input voltage at which A-D conversion output
data changes from “255” to “254,” from the corresponding ideal A-
D conversion characteristics between 0 and VREF.
Vn – 1LSBA ✕ (n + 1/2)
1LSBA
Output code
0
Analog input voltage (mV)
20
40
80
100
120
140
160
180
200
220
0016
0116
0216
0316
0416
0516
0616
0716
0816
0916
+ 2LSB
– 2LSB
60
Absolute accuracy
Limitless resolution A-D
conversion characteristics
Ideal A-D conversion
characteristics


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com