Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37225M6 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # M37225M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37225M6 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button M37225M6_15 Datasheet HTML 49Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 50Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 51Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 52Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 53Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 54Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 55Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 56Page - Renesas Technology Corp M37225M6_15 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
M37225M6/M8/MA/MC-XXXSP, M37225ECSP
Rev.1.00
Nov 01, 2000
page 51 of 124
REJ03B0136-0100Z
Note: VREF indicates the reference voltage (= Vcc).
Fig. 8.8.3 Changes in A-D Conversion Register and Comparison Voltage during A-D Conversion
8.8.6 Conversion Method
➀ Set the A-D conversion interrupt request bit to “0” (even when A-
D conversion is started, the A-D conversion interrupt reguest bit
is not set to “0” automatically).
➁ When using A-D conversion interrupt, enable interrupts by setting
A-D conversion interrupt enable bit to “1” and setting the interrupt
disable flag to “0.”
➂ Set the VCC connection selection bit to “1” to connect VCC to the
resistor ladder.
➃ Select analog input pins by the analog input selection bit of the
A-D control register.
➄ Set the A-D conversion completion bit to “0.” This write operation
starts the A-D conversion. Do not read the A-D conversion regis-
ter during the A-D conversion.
➅ Verify the completion of the conversion by the state (“1”) of the
A-D conversion completion bit, the state (“1”) of A-D conversion
interrupt reguest bit, or the occurrence of an A-D conversion in-
terrupt.
➆ Read the A-D conversion register to obtain the conversion re-
sults.
Note : When the ladder resistor is disconnect from VCC, set the VCC connec-
tion selection bit to “0” between steps ➅ and ➆.
8.8.7 Internal Operation
When the A-D conversion starts, the following operations are auto-
matically performed.
➀ The A-D conversion register is set to “0016.”
➁ The most significant bit of the A-D conversion register becomes
“1, ” and the comparison voltage “Vref” is input to the comparator.
At this point, Vref is compared with the analog input voltage “VIN .”
➂ Bit 7 is determined by the comparison results as follows.
When Vref < VIN : bit 7 holds “1”
When Vref > VIN : bit 7 becomes “0”
With the above operations, the analog value is converted into a digi-
tal value. The A-D conversion terminates in a maximum of 50 ma-
chine cycles (8.5
µs at f(XIN) = 8 MHz) after it starts, and the conver-
sion result is stored in the A-D conversion register.
An A-D conversion interrupt request occurs at the same time as A-D
conversion completion, the A-D conversion interrupt request bit be-
comes “1.” The A-D conversion completion bit also becomes “1.”
Table 8.8.1 Expression for Vref and VREF
A-D conversion register contents “n”
(decimal notation)
0
1 to 255
Vref (V)
0
VREF
2
VREF
512
VREF
2
VREF
4
VREF
512
VREF
2
VREF
4
VREF
8
VREF
512
VREF
2
VREF
4
VREF
8
VREF
512
VREF
256
12 3 456 7 8
1 0000 0 0 0
12
100
0 0
0
1000
0 0
0
1
12 3 4 5 6
7 1
±
±±
0 000 0
0 0 0
Contents of A-D conversion register
Reference voltage (Vref)
[V]
0
A-D conversion start
1st comparison start
3rd comparison start
8th comparison start
2nd comparison start
Digital value corresponding to
analog input voltage.
A-D conversion completion
(8th comparison completion)
±±
±
±
.......
: Value determined by mth (m = 1 to 8) result
m
.....
VREF
256
✕ (n – 0.5)


Similar Part No. - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37225M6 MITSUBISHI-M37225M6 Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com