Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3727GM6 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M3727GM6
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3727GM6 Datasheet(HTML) 3 Page - Renesas Technology Corp

  M3727GM6_15 Datasheet HTML 1Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 2Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 3Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 4Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 5Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 6Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 7Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 8Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 131 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION
DECODER and ON-SCREEN DISPLAY CONTROLLER
REJ03B0132-0100Z
Rev.1.00
Apr 01, 2001
Rev.1.00
Apr 01, 2001
page 1 of 127
REJ03B0132-0100Z
M3727GM6/M8–XXXSP/FP M37272E8SP/FP
1. DESCRIPTION
The M3727GM6/M8-XXXSP/FP are single-chip microcomputers de-
signed with CMOS silicon gate technology. They have a OSD, data
slicer, and I2C-BUS interface, so it is useful for a channel selection
system for TV with a closed caption decoder.
The features of the M37272E8SP/FP are similar to those of the
M3727GM6/M8-XXXSP/FP except that these chips have a built-in
PROM which can be written electrically. The difference between
M3727GM6-XXXSP/FP and M3727GM8-XXXSP/FP are the ROM
size and RAM size. Accordingly, the following descriptions will be for
the M3727GM6-XXXSP/FP.
2. FEATURES
●Number of basic instructions .................................................... 71
●Memory size
ROM .............. 24K bytes
(M3727GM6-XXXSP/FP)
32K bytes
(M3727GM8-XXXSP/FP, M37272E8SP/FP)
RAM ............... 1024 bytes
(M3727GM6-XXXSP/FP)
1152 bytes
(M3727GM8-XXXSP/FP, M37272E8SP/FP)
(*ROM correction memory included)
●Minimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
●Power source voltage ................................................. 5 V ± 10 %
●Subroutine nesting ............................................. 128 levels (Max.)
●Interrupts ....................................................... 17 types, 16 vectors
●8-bit timers .................................................................................. 6
●Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 26
●Input ports (Ports P50, P51) ........................................................ 2
●Output ports (Ports P52–P55) ..................................................... 4
●LED drive ports ........................................................................... 4
●Serial I/O ............................................................ 8-bit ✕ 1 channel
●Multi-master I2C-BUS interface .............................. 1 (2 systems)
●A-D comparator (6-bit resolution) ................................ 6 channels
●PWM output circuit ......................................................... 8-bit ✕ 6
●Power dissipation
In high-speed mode ...................................................... 137.5 mW
(at VCC = 5.5V, 8 MHz oscillation frequency, OSD on, and Data slicer on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
●ROM correction function ................................................ 2 vectors
●Closed caption data slicer
●OSD function
Display characters ................................... 32 characters ✕ 2 lines
(It is possible to display 3 lines or more by software)
Kinds of characters ........................................................ 254 kinds
Character display area ............................ CC mode: 16 ✕ 26 dots
OSD mode: 16 ✕ 20 dots
Kinds of character sizes ..................................... CC mode: 1 kind
OSD mode: 8 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position
Horizontal: 128 levels
Vertical: 512 levels
Attribute ........................................................................................
CC mode: smooth italic, underline, flash, automatic solid space
OSD mode: border
Smoth roll-up
Window function
3. APPLICATION
TV with a closed caption decoder


Similar Part No. - M3727GM6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3727GM6-XXXSP RENESAS-M3727GM6-XXXSP Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M3727GM6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com