Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3727GM6 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M3727GM6
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3727GM6 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M3727GM6_15 Datasheet HTML 5Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 6Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 7Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 8Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 9Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 10Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 11Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 12Page - Renesas Technology Corp M3727GM6_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
M3727GM6/M8–XXXSP/FP M37272E8SP/FP
Rev.1.00
Apr 01, 2001
page 7 of 127
REJ03B0132-0100Z
Pin
Name
Input/
Functions
Output
VCC, (AVCC) Power source
Apply voltage of 5 V ± 10 % to (typical) VCC (AVCC), and 0 V to VSS.
VSS
( ) .. Only M37272E8SP/FP
CNVSS
CNVSS
This is connected to VSS.
______
RESET
Reset input
Input
To enter the reset state, the reset input pin must be kept at a LOW for 2
µs or more (under
normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this LOW condition should
be maintained for the required time.
XIN
Clock input
Input
This chip has an internal clock generating circuit. To control generating frequency, an
external ceramic resonator or a quartz-crystal oscillator is connected between pins XIN and
XOUT
Clock output
Output
XOUT. If an external clock is used, the clock source should be connected to the XIN pin and
the XOUT pin should be left open.
P00/PWM0–
I/O port P0
I/O
Port P0 is an 8-bit I/O port with direction register allowing each I/O bit to be individually
P05/PWM5,
programmed as input or output. At reset, this port is set to input mode. The output structure
P06/INT2/AD4,
is N-channel open-drain output. (See note 1)
P07/INT1
PWM output
Output
Pins P00–P05 are also used as PWM output pins PWM0–PWM5 respectively. The output
structure is N-channel open-drain output.
External interrupt
Input
Pins P06 and P07 are also used as INT external interrupt input pins INT2 and INT1 respectively.
input
Analog input
Input
P06 pin is also used as analog input pin AD4.
P10/OUT2,
I/O port P1
I/O
Port P1 is an 8-bit I/O port and has basically the same functions as port P0. The output
P11/SCL1,
structure is CMOS output. (See note 1)
P12/SCL2,
OSD output
Output
Pins P10 is also used as OSD output pin OUT2. The output structure is CMOS output.
P13/SDA1,
Multi-master
I/O
Pins P11–P14 are used as SCL1, SCL2, SDA1 and SDA2 respectively, when multi-master
P14/SDA2,
I2C-BUS interface
I2C-BUS interface is used. The output structure is N-channel open-drain output.
P15/AD1/INT3,
Analog input
Input
Pins P10, P15–P17 are also used as analog input pin AD8, AD1–AD3 respectively.
P16/AD2,
External interrupt
Input
P15 pin is also used as INT external interrupt input pin INT3.
P17/AD3
input
P20/SCLK,I/O port P2
I/O
Port P2 is an 8-bit I/O port and has basically the same functions as port P0. The output
P21/SOUT,
structure is CMOS output. (See note 1)
P22/SIN,
Serial I/O synchronous
I/O
P20 pin is also used as serial I/O synchronous clock input/output pin SCLK. The output
P23/TIM3,
clock input/output port
structure is N-channel open-drain output.
P24/TIM2,
Serial I/O data
I/O
P21 pin is also used as serial I/O data output pin SOUT. The output structure is open-drain
P25,
output
output.
P26/OSC1/
Serial I/O data input
Input
P22 pin is also used as serial I/O data input pin SIN.
XCIN,
External clock
Input
Pins P23 and P24 are also used as timer external clock input pins TIM3 and TIM2
P27/OSC2/
input for timer
respectively.
XCOUT
Clock input for OSD
Input
P26 pin is also used as OSD clock input pin OSC1. (See note 2)
Clock output for OSD
Output
P27 pin is also used as OSD clock input pin OSC2. The output structure is CMOS output.
(See note 2)
Sub-clock input
Input
P26 pin is also used as sub-clock input pin XCIN.
Sub-clock output
Output
P27 pin is also used as sub-clock output pin XCOUT.
7. PIN DESCRIPTION
Table 7.1 Pin Description


Similar Part No. - M3727GM6_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3727GM6-XXXSP RENESAS-M3727GM6-XXXSP Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M3727GM6_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com