Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6KA-2G4418-A4VA Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-F6KA-2G4418-A4VA
Description  SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F6KA-2G4418-A4VA Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F6KA-2G4418-A4VA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Customer Name
Standard
System
W-LAN
Date
March 31, 2010
Part Number
FAR-F6KA-2G4418-A4VA
Version 3.0c
Pb-free
P
P
P
Pb
b
b
b
* Pb Free Part
MSL1
Dimensions
Device size: 1.4typ. x 1.0typ. x 0.5max
Pin Configuration
Pin No.
Symbol
Function
1
IN
Input
2
GND
Ground
3
GND
Ground
4
OUT
Output
5
GND
Ground
Evaluation Circuit
0.50
0.25
0.25
0.25
0.25
0.25
0.50
0.50
<1>
<5>
<4>
<2>
<3>
1.40
<1>
<4>
<5>
<3>
<2>
INDEX
0.50
0.25
0.25
0.25
0.25
0.25
0.50
0.50
<1>
<5>
<4>
<2>
<3>
1.40
<1>
<4>
<5>
<3>
<2>
0.50
0.50
0.50
0.25
0.25
0.25
0.25
0.25
0.50
0.50
<1>
<5>
<4>
<2>
<3>
0.25
0.25
0.25
0.25
0.25
0.50
0.50
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.50
0.50
0.50
0.50
<1>
<5>
<4>
<2>
<3>
1.40
<1>
<4>
<5>
<3>
<2>
1.40
1.40
1.40
<1>
<4>
<5>
<3>
<2>
INDEX
INDEX
(50 ohm)
Ground
(Q=42)
1 to 5 ; Pin No.
L=12.0 nH
Ground
Ground
Unbalanced Input
Unbalanced Output
(50 ohm)
1
4
2,3,5
(Q=42)
L=8.3 nH
(50 ohm)
Ground
(Q=42)
1 to 5 ; Pin No.
L=12.0 nH
Ground
Ground
Unbalanced Input
Unbalanced Output
(50 ohm)
1
4
2,3,5
(Q=42)
L=8.3 nH


Similar Part No. - FAR-F6KA-2G4418-A4VA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-F6KA-2G4418-D4CU TAIYO-YUDEN-FAR-F6KA-2G4418-D4CU Datasheet
428Kb / 7P
   SAW Filter
More results

Similar Description - FAR-F6KA-2G4418-A4VA

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com