Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6KA-2G4418-A4VA Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-F6KA-2G4418-A4VA
Description  SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F6KA-2G4418-A4VA Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F6KA-2G4418-A4VA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-A4VA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Customer Name
Standard
System
W-LAN
Date
March 31, 2010
Part Number
FAR-F6KA-2G4418-A4VA
Version 3.0c
Pb-free
P
P
P
Pb
b
b
b
* Pb Free Part
MSL1
Table 1.
Specification
Item
Condition (MHz)
Min.
Typ.
Max.
Unit
Remarks
Insertion Loss
2400 - 2483.5
-
3.0
3.5
dB
Ripple
2400 - 2483.5
-
1.2
1.9
dB
VSWR (Input)
2400 - 2483.5
-
2.1
2.5
dB
VSWR (Output)
2400 - 2483.5
-
2.1
2.5
dB
DC - 1000
40
49
-
dB
1000 - 1570
37
47
-
dB
1570 - 1700
35
44
-
dB
1700 - 1880
34
40
-
dB
1880 - 1990
33
37
-
dB
1990 –2170
31
33
-
dB
2700 - 4800
19
24
-
dB
Absolute attenuation
4800 – 5000
18
24
-
dB
Max. Input Power
2400 - 2483.5
+23dBm (200mW)>10000hour
Spectrum spread signal (IEEE.802.11g)
Ta=+55
oC
dBm
Input impedance
-
50//8.3nH
Ohms
Output impedance
-
50//12.0nH
Ohms
Operating
-30 to +85
oC
Temperature range
Storage
-40 to +100
oC
Package size
-
1.4typ x 1.0typ x 0.5max
mm


Similar Part No. - FAR-F6KA-2G4418-A4VA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-F6KA-2G4418-D4CU TAIYO-YUDEN-FAR-F6KA-2G4418-D4CU Datasheet
428Kb / 7P
   SAW Filter
More results

Similar Description - FAR-F6KA-2G4418-A4VA

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com