Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8179TK Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PC8179TK
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC8179TK Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PC8179TK_15 Datasheet HTML 3Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 4Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 5Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 6Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 7Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 8Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 9Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 10Page - Renesas Technology Corp PC8179TK_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet PU10059EJ02V0DS
5
µPC8179TK
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25°C, Pin 4, Pin 6
3.6
V
Circuit Current
ICC
TA = +25°C
15
mA
Power Dissipation
PD
TA = +85°C
Note
232
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25°C
+5
dBm
Note Mounted on double-sided copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remarks
Supply Voltage
VCC
2.4
3.0
3.3
V
The same voltage should be applied to
pin 4 and pin 6.
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω, at LC matched frequency)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
2.9
4.0
5.4
mA
Power Gain
GP
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
11.0
13.0
14.0
13.5
15.5
16.0
15.5
17.5
18.5
dB
Isolation
ISL
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
39.0
37.0
37.0
43.0
42.0
42.0
dB
Gain 1 dB Compression Output
Power
PO (1 dB)
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
−0.5
−2.0
−3.0
+2.0
+0.5
+0.5
dBm
Noise Figure
NF
f = 1.0 GHz
f = 1.9 GHz
f = 2.4 GHz
5.0
5.0
5.0
6.5
6.5
6.5
dB
Input Return Loss
RLin
f = 1.0 GHz, Pin =
−30 dBm
f = 1.9 GHz, Pin =
−30 dBm
f = 2.4 GHz, Pin =
−30 dBm
4.0
4.0
6.0
7.0
7.0
9.0
dB


Similar Part No. - PC8179TK_15

ManufacturerPart #DatasheetDescription
logo
NEC
PC8179TB-E3 NEC-PC8179TB-E3 Datasheet
151Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
More results

Similar Description - PC8179TK_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com