Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC7WZ00FK Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC7WZ00FK
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ00FK Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC7WZ00FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ00FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ00FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 3. 7
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIC7WZ00FK
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 1
2 INPUT NAND GATE
FEATURES
High output drive :
24mA(min.) @VCC=3V.
Super high speed operation : tpd 2.4ns(typ.) @VCC=5V, 50pF.
Operation voltage range : VCC(opr)=1.65~5.5V.
Latch-up performance :
500mA or more
ESD performance :
200V or more (EIAJ)
2000V or more (MIL)
Power down protection is provided on all inputs and outputs.
DIM
MILLIMETERS
A
B
D
E
US8
2.0 0.1
3.1 0.1
2.3 0.1
0.5
0.2+0.05/-0.04
0.7 0.1
0.12 0.04
0 ~ 0.1
C
F
G
H
C
B
G
H
1
45
8
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25 )
MARKING
Lot No.
Z00
Type Name
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
-0.5~6
V
DC Input Voltage
VIN
-0.5~6
V
DC Output Voltage
VOUT
-0.5~6
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
-20
mA
DC Output Current
IOUT
50
mA
DC VCC/ground Current
ICC
50
mA
Power Dissipation
PD
200
mW
Storage Temperature Range
Tstg
-65 150
Lead Temperature (10s)
TL
260
PIN CONNECTION(TOP VIEW)
1
2
3
4
1Y
2B
2A
8
7
6
5
VCC
1A
1B
2Y
GND


Similar Part No. - KIC7WZ00FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results

Similar Description - KIC7WZ00FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com