Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC7SZ38FU Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC7SZ38FU
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ38FU Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7SZ38FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ38FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ38FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 5. 13
3/3
KIC7SZ38FU
Revision No : 0
AC Characteristics (unless otherwise specified, Input : tr=tf=3ns)
Note : CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle. (See Figure2.) CPD is related to ICCD dynamic operating current
by the expression : ICCD=CPD・VCC・fIN+ICC Static
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation delay time
tPZL
CL=50pF,
RU=500Ω
RD=500Ω
VI=2×VCC
(Figures 1,3)
1.65
1.5
6.5
12.7
1.5
13.2
ns
1.8
1.5
5.4
10.5
1.5
11.0
2.5±0.2
0.8
3.5
7.0
0.8
7.5
3.3±0.3
0.8
2.8
5.0
0.8
5.2
5.0±0.5
0.5
2.2
4.3
0.5
4.5
tPLZ
CL=50pF,
RU=500Ω
RD=500Ω
VI=2×VCC
(Figures 1,3)
1.65
1.5
5.5
12.7
1.5
13.2
ns
1.8
1.5
4.6
10.5
1.5
11.0
2.5±0.2
0.8
3.0
7.0
0.8
7.5
3.3±0.3
0.8
2.1
5.0
0.8
5.2
5.0±0.5
0.5
1.3
4.3
0.5
4.5
Input Capacitance
CIN
-
0
-
4
-
-
-
pF
Output Capacitance
COUT
-
0
-
5
-
-
-
pF
Power Dissipation
Capacitance
CPD
(Note)
(Figures 2)
3.3
-
5.1
-
-
-
pF
5.0
-
7.3
-
-
-
OUTPUT
INPUT
INPUT
CCD
L
w
L
C
CC
V
CC
V
RU
RD
t =3ns
t =3ns
90%
50%
10%
VCC
GND
tPZL
t w
tPLZ
INPUT
OUTPUT
r
f
OH
V
VOL
V
+0.3V
OL
50%
A
C includes load and stray capacitance
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input PRR=1.0MHz ; t =500ns
r f
Input=AC Waveform ; t =t =1.8ns
FIGURE 2. I
Test Circuit
PRR=10MHz ; Duty Cycle=50%
AC Loading and Waveforms


Similar Part No. - KIC7SZ38FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ32FU KEC-KIC7SZ32FU Datasheet
30Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - KIC7SZ38FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com