Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC848
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC848 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC848 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC848 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Electrical Characteristics
(Ta=25 C)
Characteristic
Symbol Test Condition
Unit
Max.
Typ.
Min.
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
Collector-Emitter Saturation Voltage
Base-emitter saturatio voltage
Transition Frequency
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICEO
IEBO
HFE(1)
VCE(sat)
fT
I =10 A, I =0
C
E
I =10 mA, I =0
C
B
I =1 A, I =0
E
C
V
=45V, I =0
CB
E
V
=5V, I =0
EB
C
V
=5V, I =2mA
CE
C
I =100mA, I =5mA
C
B
I =100mA, I =5mA
C
B
V
=5V, I =10mA
CE
C
,f=100MHz
100
0.1
0.1
0.5
1
V
V
V
A
A
V
V
MHz
5
DC Current Gain (Note)
VBE(sat)
NPN SILICON TRANSISTOR
B 8 4 6 - B C 8 4 8
C
BC846
BC847
B 848
C
80
50
30
65
45
30
BC846
BC847
B 848
C
BC846
BC847
B 848
C
V
=70V, I =0
CB
E
V
=25V, I =0
CB
E
BC846
BC847
B 848
C
V
=40V, I =0
CB
E
0.1
A
V
=60V, I =0
CB
E
V
=25V, I =0
CB
E
BC846
BC847
B 848
C
125
220
420
250
475
800
Power dissipation
P
: 0.3 W (Tamb=25 C)
Pluse Drain
I
: 0.1 mA
Reverse Voltage
V
: BC846 80V
BC847 50V
BC848 30V
Operating and storage junction temperature range
T , T
: -55 C to +150 C
Features
M
(BR)CBO
j
stg
C
CM
3
1
2
SOT-23
1.BASE
2.EMITTER
3.COLLECTOR
1.
1.3
2.4
Unit:mm
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
360Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Shenzhen Luguang Electr...
BC848 LUGUANG-BC848 Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Weitron Technology
BC848 WEITRON-BC848 Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com