Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC848
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC848 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC848 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC848 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
-0.2 -0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100 -200
I -COLLECTOR CURRENT(mAdc)
C
2.0
1.5
1.0
0.7
0.5
0.3
0.2
-0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
-50 -100
I -COLLECTOR CURRENT(mAdc)
C
Vc =-10V
Ta=25 C
E
Normailzed DC Current (mAdc)
=10
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
V
@
=10
BE(sat)
I /I
C B
V
@I /I =10
CE(sat)
C B
V
@V
=-10V
BE(on)
CE
Saturation and On Voltage
-0.02
-0. 1
-1.0
-10 -20
-2.0
-1.6
-1.2
-0.8
-0.4
0
-0.5
-1.0
-2.0 -3.0 -5.0
-10
-20 -30 -50
I
BASE CURRENT(mA)
B
Collector Saturation Region
T =25 C
J
I =
-10mA
C
I =-50mA
C
I =-200mA
C
I =-100mA
C
I =-20mA
C
Vc =-10V
Ta=25 C
E
400
300
200
150
100
80
60
40
30
20
I -COLLECTOR CURRENT(mAdc)
C
Current-Gain-Bandwidth Pouduct
BC846
IC-COLLECTOR CURRENT(AMP)
2.0
1.0
0.5
0.2
-0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
-50 -100 -200
I -COLLECTOR CURRENT(mA)
C
DC Current Gain
-1.0
-0.8
-0.6
-0.4
-0.2
0
On Voltage
Vc =-5.0V
Ta=25 C
E
-0.1 -0.2
-1.0 -2.0 -5.0 -10 -20 -50 -100 -200
V
@
=10
BE(sat)
I /I
C B
V @V
=-5.0V
BE
CE
V
@I /I =10
CE(sat)
C B
T =25 C
J
-0.02 -0.05 -0. 1 -0.2
-0.5 -1.0 -2.0 -5.0 -10 -20
-2.0
-1.6
-1.2
-0.8
-0.4
0
-1.0
-10
-100
I
BASE CURRENT(mA)
B
Collector Saturation Region
T =25 C
J
I =
-10mA
C
500
200
100
50
20
I -COLLECTOR CURRENT(mA)
C
Current-Gain-Bandwidth Pouduct
-50mA
-20mA
-100mA -200mA
Vc =-5.0V
E
B 8 4 7 B C 8 4 8
C
B 8 4 6 - B C 8 4 8
C
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
360Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
149Kb / 5P
NPN Epitaxial Silicon Transistor
logo
Shenzhen Luguang Electr...
BC848 LUGUANG-BC848 Datasheet
2Mb / 4P
NPN general purpose Transistor
logo
Weitron Technology
BC848 WEITRON-BC848 Datasheet
517Kb / 9P
NPN/PNP Dual General Purpose Transistors
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com