Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK20104M241-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK20104M241-T
Description  Multilayer Chip Bead Array Inductors (BK array series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK20104M241-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  BK20104M241-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS
Multilayer Chip Bead Array Inductors (BK array series)
BK20104M241-T
Features
Item Summary
240Ω, 100mA, 0804
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 4000pcs
Products characteristics table
CaseSize (EIA/JIS)
0804/2010
Impedance
240Ω
Impedance Measuring Frequency
100MHz
Rated Current
100mA
DC Resistance (max)
0.45Ω
Temperature Range
-55 to +125 ℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2mm ±0.15
W
1mm ±0.15
T
0.45mm ±0.05
e
0.25mm +0.15:-0.1
2015.05.26
1 / 1


Similar Part No. - BK20104M241-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK20104M241-T TAIYO-YUDEN-BK20104M241-T Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
BK20104M241-T TAIYO-YUDEN-BK20104M241-T_V01 Datasheet
271Kb / 2P
Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK20104M241-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK20104L680-T TAIYO-YUDEN-BK20104L680-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164S121-T TAIYO-YUDEN-BK32164S121-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164S241-T TAIYO-YUDEN-BK32164S241-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK20104L470-T TAIYO-YUDEN-BK20104L470-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L241-T TAIYO-YUDEN-BK32164L241-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164M241-T TAIYO-YUDEN-BK32164M241-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164M471-T TAIYO-YUDEN-BK32164M471-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164L680-T TAIYO-YUDEN-BK32164L680-T Datasheet
154Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK20104S121-T TAIYO-YUDEN-BK20104S121-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com