Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFL2805 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # BFL2805
Description  All Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BFL2805 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  BFL2805_15 Datasheet HTML 1Page - M.S. Kennedy Corporation BFL2805_15 Datasheet HTML 2Page - M.S. Kennedy Corporation BFL2805_15 Datasheet HTML 3Page - M.S. Kennedy Corporation BFL2805_15 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
BFL2805
MIL-PRF-38534 CERTIFIED
TYPICAL APPLICATIONS
DESCRIPTION:
EQUIVALENT SCHEMATIC
FEATURES:
Rev. B 10/05
1
5A
EMI FILTER
PIN-OUT INFORMATION
Replaces APEX FDB461
All Ceramic Capacitors
Surface Mount Magnetics
-55°C to +125°C Operation
60dB Minimum Differential Mode Rejection at 500KHz
5.5 Amps Throughput Current
Meets MIL-STD-461C CEO3 Standards For BBF2800
Series DC to DC Converters
MIL-STD-704 (A Through E) Power Bus Compatibility
The BFL2805 is a high reliability EMI filter for use with BBF2800 series of DC-DC converters. This filter has been
designed to reduce the input line reflected ripple current to within the limit of MIL-STD-461C, CE03.
The BFL2805 hybrid EMI filter utilizes all ceramic capacitors, surface mount magnetics and ultrasonically bonded alumi-
num wires to provide reliable operation at all operating temperatures while surviving very high G forces. The stand-alone
filter's internal components are all passive devices and selected to operate from input voltages up to and including the peak
transient voltage. The filter therefore does not require or utilize transient supression circuitry and is compatible with the
transient specification of a MIL-STD-704 type power bus. When connected to an output device, the output device must be
able to operate from compatible voltages. The filter will attenuate spikes, but the duration and magnitude of the spike must
be within the operating range of the filter.
The 12-pin high power dip package allows connection to a heatsink, is hermetically sealed and is isolated from the
internal circuits. Heat sinking is recommended for full power operation at elevated ambient temperatures.
+VIN
INPUT COMMON
NC
NC
NC
NC
1
2
3
4
5
6
NC
NC
NC
CASE GROUND
+VOUT
OUTPUT COMMON
12
11
10
9
8
7
Airborne Power Systems
Aerospace Power Systems
Vehicle Electrical Systems
Ground Equipment and Test Equipment


Similar Part No. - BFL2805_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFL2805E ETC-BFL2805E Datasheet
168Kb / 3P
   5A EMI FILTER
logo
M.S. Kennedy Corporatio...
BFL2805E MSK-BFL2805E Datasheet
189Kb / 4P
   5A EMI FILTER
logo
List of Unclassifed Man...
BFL2805H ETC-BFL2805H Datasheet
168Kb / 3P
   5A EMI FILTER
logo
M.S. Kennedy Corporatio...
BFL2805H MSK-BFL2805H Datasheet
189Kb / 4P
   5A EMI FILTER
logo
List of Unclassifed Man...
BFL2805K ETC-BFL2805K Datasheet
168Kb / 3P
   5A EMI FILTER
More results

Similar Description - BFL2805_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
   All Ceramic Capacitors
BBF2803S MSK-BBF2803S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
DHD2805S MSK-DHD2805S_15 Datasheet
224Kb / 7P
   All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com