Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFL2805 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # BFL2805
Description  All Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BFL2805 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  BFL2805_15 Datasheet HTML 1Page - M.S. Kennedy Corporation BFL2805_15 Datasheet HTML 2Page - M.S. Kennedy Corporation BFL2805_15 Datasheet HTML 3Page - M.S. Kennedy Corporation BFL2805_15 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
Input Voltage Range
0-50VDC
Input Voltage Transient
80V @ 50mS
Voltage (any pin to case pin 9)
500V
Storage Temperature Range
-65°C to +150°C
Lead Temperature
300°C
(10 Seconds Soldering)
Input Voltage
Input Current
Output Voltage
Output Current
DC Resistance (RDC)
Noise Reduction
Capacitance
Isolation
Parameter
Test Conditions
V
V
A
Vdc
A rms
A
Ohms
dB
dB
dB
dB
µF
MOhm
Units
Steady State
Transient 50µsec. MAX
DC
Steady State
Ripple
Steady State
Steady State
f=200KHz
f=500 KHz
f=1MHz
f=5MHz
Any Pin to Case
Any Pin to Case
2
Rev. B 10/05
Case Operating Temperature Range
BFL2805H/E
-55°C to +125°C
BFL2805
-40°C to+85°C
1,2,3
1
1
-
1
1
1
4
4
4
4
7
7
Subgroups
1
1
2
3
4
5
6
NOTES:
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroup 1,4 and 7 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3,4 and 7.
Subgroup 1,4,7
Subgroup 2
Subgroup 3
Continuous operation at or above absolute maximum ratings may adversely effect the device performanc
and/or life cycle.
TA = TC = +25°C
TA = TC = +125°C
TA = TC = -55°C
0
-
-
-
-
-
-
40
60
60
60
-
100
28
-
-
VOUT=VIN-Iin(RDC)
-
-
0.20
50
65
70
73
-
-
50
80
5.5
-
0.3
5.5
0.35
-
-
-
-
4.7
-
Min.
Typ.
Max.
BFL2805H/E
0
-
-
-
-
-
-
40
60
60
60
-
100
28
-
-
VOUT=VIN-Iin(RDC)
-
-
0.20
50
65
70
73
-
-
50
80
5.5
-
0.3
5.5
0.35
-
-
-
-
4.7
-
Min.
Typ.
Max.
BFL2805
1
1
1
2
6


Similar Part No. - BFL2805_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFL2805E ETC-BFL2805E Datasheet
168Kb / 3P
   5A EMI FILTER
logo
M.S. Kennedy Corporatio...
BFL2805E MSK-BFL2805E Datasheet
189Kb / 4P
   5A EMI FILTER
logo
List of Unclassifed Man...
BFL2805H ETC-BFL2805H Datasheet
168Kb / 3P
   5A EMI FILTER
logo
M.S. Kennedy Corporatio...
BFL2805H MSK-BFL2805H Datasheet
189Kb / 4P
   5A EMI FILTER
logo
List of Unclassifed Man...
BFL2805K ETC-BFL2805K Datasheet
168Kb / 3P
   5A EMI FILTER
More results

Similar Description - BFL2805_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
   All Ceramic Capacitors
BBF2803S MSK-BBF2803S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
DHD2805S MSK-DHD2805S_15 Datasheet
224Kb / 7P
   All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com