Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBF2812S Datasheet(PDF) 10 Page - M.S. Kennedy Corporation

Part # BBF2812S
Description  All Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2812S Datasheet(HTML) 10 Page - M.S. Kennedy Corporation

Back Button BBF2812S_15 Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 9Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 10Page - M.S. Kennedy Corporation BBF2812S_15 Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TYPICAL PERFORMANCE CURVES
10
BBF2805S
0.0
5.0
OUTPUT CURRENT, IOUT (A)
10
12
14
16
18
20
LOW LINE DROP OUT
1.0
2.0
3.0
4.0
10K
90K
70K
20K
30K 40K50K
TIME, t (500
μsec/DIV)
LOAD TRANSIENT RESPONSE 1000
μF
LINE TRANSIENT RESPONSE
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.4
.8
1.6
2.4
4
SET POINT RESISTOR, RSP (Ω)
TIME, t (5msec/DIV)
12
16
20
24
28
TURN ON THRESHOLD
TURN ON RESPONSE
100 200 400
FREQUENCY, f (Hz)
–100
AUDIO REJECTION
0
–20
–40
1K 2K
10K 20K
100K
–60
–80
5.1V
0V
0V
28V
VOUT
VIN
TEMP = 25
°C
30%
40%
50%
60%
68%
70%
63%
66%
71%
72%
73%
EFFICIENCY CONTOURS
16
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.4
.8
1.6
2.4
4
TEMP =
125
°C
30%
50%
60%
64%
67%
67%
69%
70%
71%
72%
73%
EFFICIENCY CONTOURS
15
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.8
1.6
2.4
4
TEMP =
–55
°C
40%
50%
55%
60%
64%
71%
66%
68%
70%
69%
INCLUDES 1000
μF ON OUTPUT BUS
TIME, t (200
μsec/DIV)
TIME, t (200
μsec/DIV)
LOAD TRANSIENT RESPONSE 100
μF
INCLUDES 100
μF ON OUTPUT BUS
INCLUDES 100
μF ON OUTPUT BUS
INCLUDES 100
μF ON OUTPUT BUS
TIME, t (100
μsec/DIV)
LOAD TRANSIENT RESPONSE
4A
4A
4A
2A
2A
2A
VOUT
VOUT
VOUT
VIN
16V
40V
LOAD 4A
LOAD 4A
VOUT
IOUT
IOUT
IOUT
NO OUTPUT BUS CAPCITANCE
VIN = 28VDC
IOUT = 4 Amps
TEMP = 25
°C
8548-34 Rev. H 4/12


Similar Part No. - BBF2812S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2812SE MSK-BBF2812SE Datasheet
443Kb / 11P
20W DC-DC CONVERTERS
BBF2812SH MSK-BBF2812SH Datasheet
443Kb / 11P
20W DC-DC CONVERTERS
More results

Similar Description - BBF2812S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
All Ceramic Capacitors
BBF2803S MSK-BBF2803S_15 Datasheet
147Kb / 11P
All Ceramic Capacitors
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
All Ceramic Capacitors
BFL2805 MSK-BFL2805_15 Datasheet
172Kb / 4P
All Ceramic Capacitors
DHD2805S MSK-DHD2805S_15 Datasheet
224Kb / 7P
All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com