Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBF2803S Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # BBF2803S
Description  All Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2803S Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  BBF2803S_15 Datasheet HTML 1Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 2Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
All Ceramic Capacitors
Surface Mount Magnetics
MIL STD 461C CR03 (DC-DC Converters)
80 Volt Input Transient Tolerent
Wide Supply Range - 16V to 50V
High Isolation - 500V
High Power Density - 17W/in³
Output Voltage Adjustment - Standard
Remote Shutdown
Operates to 14V Input at 10W
Available with 3.3V, 5V, 12V and 15V Outputs
Contact MSK for MIL-PRF-38534 Qualification Status
MIL-PRF-38534 CERTIFIED FACILITY
M.S.KENNEDY CORP.
20W
DC-DC
CONVERTERS
BBF2800S
DESCRIPTION:
The BBF2800S series of DC-DC converters provides the ruggedness, reliability and features required to
meet the advanced design challenges of today's hi-rel market. This has been accomplished using a package
having very low thermal gradients, excellent hermeticity and high voltage isolation. The use of advanced substrate
and reflow soldering techniques during construction results in a rugged, cost-effective pin solderable package.
The BBF2800S hybrid converter series utilizes all ceramic capacitors and surface mount magnetics to provide
reliable operation at all operating temperatures while surviving very high G forces.
BBF2800S series standard features include kelvin sense, indefinite short circuit protection, remote shutdown,
output fault monitoring, turn on voltage point adjustment, switching frequency synchronization of up to 3 units using
no external components and pi-network input filtering. An output voltage adjustment/load compensation pin is also
standard.
Fault tolerance design protects these converters from most external circuit faults. The output and output adjust
pins will withstand +35V while the shutdown and all synchronization pins will withstand +50V protecting the
converters from a variety of system or board faults, i.e. solder bridges, etc. Unique load fault protection circuitry
allows this converter to pull up loads having difficult static load line characteristics and allows short term load
excursions significantly beyond ratings in most applications.
The BBF2800 series is a current mode push-pull topology converter which operates at a switching frequency of
500KHz. Internal filtering of both input and output eliminates the need for external capacitors in many applications.
The 12-pin power dip package allows connection to a heatsink and is hermetically sealed and isolated from the
internal circuits.
1
SERIES
FEATURES:
8548-34 Rev. H 4/12


Similar Part No. - BBF2803S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2803SE MSK-BBF2803SE Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
BBF2803SH MSK-BBF2803SH Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
More results

Similar Description - BBF2803S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
   All Ceramic Capacitors
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BFL2805 MSK-BFL2805_15 Datasheet
172Kb / 4P
   All Ceramic Capacitors
DHD2805S MSK-DHD2805S_15 Datasheet
224Kb / 7P
   All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com