Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBF2803S Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # BBF2803S
Description  All Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2803S Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  BBF2803S_15 Datasheet HTML 1Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 2Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2803S_15 Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IOUT=2.75A to/from 5.50A
Transition TIme=30μS
IOUT=2.75A to/from 5.50A
Transition TIme=30μS
VIN=16V to/from 40V
Transition Time=30μS
VIN=16V to/from 40V
Transition Time=30μS
POUT=18W MAX.
Disabled IOUT=0mA
No Effect on DC Performance
Input to output or any pin to case @ 500V
RPOT=50KΩ
16V≤VIN≤40V
BW=10KHz to 2MHz
BW=10KHz to 2MHz
VIN=16V to 40V
IOUT=0.5A to 5.5A
IOUT=5.5A
IOUT=5.5A
Enabled, IOUT=0mA
Capacitive Load
Isolation
Short Circuit Current Limit
Switching Frequency
VOUT Adjustment Range
ELECTRICAL SPECIFICATIONS
VDC
VDC
mA
mA
mVrms
mVrms
mArms
mArms
mV
mV
mV
mV
%
%
mV
mV
μS
μS
mV
mV
μS
μS
mV
mV
mS
mS
μS
μS
mS
V
mA
mA
mA
μF
A
KHz
%
Min.
3.20
3.15
500
500
-
-
-
-
-
-
-
-
61
58
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
-
-
-
-
100
5.5
475
±10
Output Voltage
Output Voltage Ripple
Input Current Ripple
Line Regulation
Load Regulation
Efficiency
Step Load Response
Step Load Recovery
Step Line Response
Step Line Recovery
Start Up Overshoot
Start Up Delay
Shutdown Delay
Parameter
Test Conditions 1
Max.
3.40
3.45
5500
5500
50
60
50
60
±20
±50
±15
±40
-
-
±600
±800
200
300
±750
±1000
200
300
300
500
60
100
500
550
60
40
40
50
2.5
300
-
8.5
525
-
BBF2803S
BBF2803S H
Input Voltage Range
Output Current
Units
Typ.
3.30
-
-
-
20
-
20
-
±2
-
±1
-
66
-
±400
-
100
-
±500
-
80
-
0
-
30
-
120
-
20
-
35
-
1.25
-
-
7.8
500
-
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
-
1,2,3
1
2,3
1,2,3
1,2,3
1
1
4
1
7
2
Min.
3.18
-
500
-
-
-
-
-
-
-
-
-
61
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
-
-
-
-
100
5.5
475
±10
Max.
3.42
-
5500
-
60
-
60
-
±25
-
±20
-
-
-
±700
-
220
-
±800
-
220
-
300
-
60
100
500
-
60
40
40
-
2.5
300
-
8.5
525
-
Typ.
3.30
-
-
-
20
-
20
-
±2
-
±1
-
66
-
±400
-
100
-
±500
-
80
-
0
-
30
-
120
-
20
-
35
-
1.25
-
-
7.8
500
-
3
Shutdown Recovery
Quiescent Current
2
2
2
2
2
2
BBF2803S
1
2
3
4
5
6
7
8
+VIN = 28V, IOUT = 5.5A, TA=TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC= -55°C
Device has internal shutdown feature that pulses the output with a low duty cycle during faults.
At case temperatures above 90°C, the BBF2803 requires VIN>16V to support a 5.5A load. At 125°C, 18V input is required
to support 5.5A output; 16V will support 4A output at 125°C.
NOTES:
2
8
2
2
2
8548-34 Rev. H 4/12


Similar Part No. - BBF2803S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2803SE MSK-BBF2803SE Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
BBF2803SH MSK-BBF2803SH Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
More results

Similar Description - BBF2803S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
   All Ceramic Capacitors
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BFL2805 MSK-BFL2805_15 Datasheet
172Kb / 4P
   All Ceramic Capacitors
DHD2805S MSK-DHD2805S_15 Datasheet
224Kb / 7P
   All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com