Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1034-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1034-2.5
Description  Micropower Dual Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1034-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LT1034-2.5_15 Datasheet HTML 1Page - Linear Technology LT1034-2.5_15 Datasheet HTML 2Page - Linear Technology LT1034-2.5_15 Datasheet HTML 3Page - Linear Technology LT1034-2.5_15 Datasheet HTML 4Page - Linear Technology LT1034-2.5_15 Datasheet HTML 5Page - Linear Technology LT1034-2.5_15 Datasheet HTML 6Page - Linear Technology LT1034-2.5_15 Datasheet HTML 7Page - Linear Technology LT1034-2.5_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1034-1.2/LT1034-2.5
1034fe
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
IR = 100µA
6.80
7.0
7.3
V
q
6.75
7.0
7.4
V
Reverse Breakdown Change
100
µA ≤ IR ≤ 1mA
90
140
mV
with Current
100
µA ≤ IR ≤ 1mA
q
100
190
mV
1mA
≤ IR ≤ 20mA
160
250
mV
1mA
≤ IR ≤ 20mA
q
200
350
mV
Temperature Coefficient
IR = 100µA
q
40
ppm/
°C
Long-Term Stability
IR = 100µA
20
ppm/
√khrs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Forward biasing either diode will affect the operation of the other
diode.
Note 3: This parameter guaranteed by “reverse breakdown change with
current” test.
Note 4: For the LT1034-1.2: 20
µA ≤ IR ≤ 2mA. For the LT1034-2.5:
30
µA ≤ IR ≤ 2mA.
LT1034-1.2
LT1034-2.5
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
IR = 100µA
1.210 1.225
1.240
2.46
2.5
2.54
V
q
1.205 1.225
1.245
2.43
2.5
2.57
V
Reverse Breakdown Change
(Note 4)
0.5
2.0
1.0
3.0
mV
with Current
q
1.0
4.0
1.5
6.0
mV
2mA
≤ IR ≤ 20mA
4.0
8.0
6.0
16.0
mV
q
6.0
15.0
10.0
20.0
mV
Minimum Operating Current
q
10
20
15
30
µA
Temperature Coefficient
IR = 100µA
LT1034B
q
10
20
10
20
ppm/
°C
LT1034
20
40
20
40
ppm/
°C
Reverse Dynamic Impedance (Note 3)
IR = 100µA
0.25
1.0
0.5
1.5
q
0.50
2.0
1.0
2.5
Low Frequency Noise
IR = 100µA, 0.1Hz ≤ F ≤ 10Hz
q
46
µVP-P
Long-Term Stability
IR = 100µA
20
20
ppm/
√khrs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
7V Reference.


Similar Part No. - LT1034-2.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
More results

Similar Description - LT1034-2.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com