Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1034-2.5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1034-2.5
Description  Micropower Dual Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1034-2.5 Datasheet(HTML) 1 Page - Linear Technology

  LT1034-2.5_15 Datasheet HTML 1Page - Linear Technology LT1034-2.5_15 Datasheet HTML 2Page - Linear Technology LT1034-2.5_15 Datasheet HTML 3Page - Linear Technology LT1034-2.5_15 Datasheet HTML 4Page - Linear Technology LT1034-2.5_15 Datasheet HTML 5Page - Linear Technology LT1034-2.5_15 Datasheet HTML 6Page - Linear Technology LT1034-2.5_15 Datasheet HTML 7Page - Linear Technology LT1034-2.5_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1034-1.2/LT1034-2.5
1034fe
FEATURES
DESCRIPTIO
APPLICATIO S
Micropower Dual
Reference
s
Guaranteed 20 ppm/
°C Drift
s
Guaranteed 40 ppm/
°C Drift (SO-8 Package)
s
20
µA to 20mA Operation (1.2V)
s
Dynamic Impedance: 1
s
7V, 100
µA Reference
The LT
®1034 is a micropower, precision 1.2V/2.5 refer-
ence combined with a 7V auxiliary reference. The 1.2V/2.5V
reference is a trimmed, thin-film, band-gap, voltage refer-
ence with 1% initial tolerance and guaranteed 20ppm/
°C
temperature drift. Operating on only 20
µA, the LT1034
offers guaranteed drift, low temperature cycling hyster-
esis and good long-term stability. The low dynamic im-
pedance makes the LT1034 easy to use from unregulated
supplies. The 7V reference is a subsurface zener device for
less demanding applications.
The LT1034 reference can be used as a high performance
upgrade of the LM385 or LT1004, where guaranteed
temperature drift is desired.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Portable Meters
s
Precision Regulators
s
Calibrators
Temperature Drift LT1034CS8-1.2
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
0
50
75
LT1034 • TPC02
–25
25
100
125
15V
7V OUTPUT
1.2V OR 2.5V
OUTPUT
50k
7V
500k
1.225V
OR 2.500V
LT1034 • TA01
TYPICAL APPLICATIO


Similar Part No. - LT1034-2.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
More results

Similar Description - LT1034-2.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com