Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1004 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 3 Page - Linear Technology

  LT1004_15 Datasheet HTML 1Page - Linear Technology LT1004_15 Datasheet HTML 2Page - Linear Technology LT1004_15 Datasheet HTML 3Page - Linear Technology LT1004_15 Datasheet HTML 4Page - Linear Technology LT1004_15 Datasheet HTML 5Page - Linear Technology LT1004_15 Datasheet HTML 6Page - Linear Technology LT1004_15 Datasheet HTML 7Page - Linear Technology LT1004_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1004
FORWARD CURRENT (mA)
1.2
0.8
0.4
0
0.01
1
10
100
1004 G11
0.1
TA = 25°C
Forward Characteristics
Reverse Voltage Change
REVERSE CURRENT (mA)
16
12
8
4
0
–4
0.01
1
10
100
1004 G02
0.1
–55
°C TO 125°C
Reverse Dynamic Impedance
REVERSE CURRENT (mA)
100
10
1
0.1
0.01
1
10
100
1004 G05
0.1
–55
°C TO 125°C
f = 25Hz
FREQUENCY (Hz)
10
10k
1k
100
10
1
0.1
100k
1004 G06
100
1k
10k
1M
TA = 25°C
IR = 100µA
Reverse Dynamic Impedance
Temperature Drift
Reverse Characteristics
REVERSE VOLTAGE (V)
0
100
10
1
0.1
0.4
0.8
1.0
1004 G01
0.2
0.6
1.2
1.4
–55
°C TO 125°C
Filtered Output Noise
Noise Voltage
FREQUENCY (Hz)
700
600
500
400
300
200
100
0
10
1k
10k
100k
1004 G07
100
IR = 100µA
TA = 25°C
FREQUENCY (Hz)
100
70
60
50
40
30
20
10
0
1k
10k
100k
1004 G08
IR = 100µA
R
C
100
µA
RC LOW PASS
Reponse Time
(1.2V)
TEMPERATURE (
°C)
–55
45
1.245
1.240
1.235
1.230
1.225
1004 G04
–35
125
–15
525
65
85 105
TIME (
µs)
0
500
100
600
1004 G09
1.5
1.0
0.5
0
5V
0
36k
VIN
VOUT
OUTPUT
INPUT
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1004_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1004-1.2 LINER-LT1004-1.2 Datasheet
244Kb / 8P
Micropower Voltage Reference
logo
Texas Instruments
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
790Kb / 25P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
765Kb / 25P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004_15

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com