Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1004 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 1 Page - Linear Technology

  LT1004_15 Datasheet HTML 1Page - Linear Technology LT1004_15 Datasheet HTML 2Page - Linear Technology LT1004_15 Datasheet HTML 3Page - Linear Technology LT1004_15 Datasheet HTML 4Page - Linear Technology LT1004_15 Datasheet HTML 5Page - Linear Technology LT1004_15 Datasheet HTML 6Page - Linear Technology LT1004_15 Datasheet HTML 7Page - Linear Technology LT1004_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1004
Micropower Voltage
Reference
s
Guaranteed
±4mV Initial Accuracy LT1004-1.2
s
Guaranteed
±20mV Accuracy LT1004-2.5
s
Guaranteed 10
µA Operating Current
s
Guaranteed Temperature Performance
s
Operates up to 20mA
s
Very Low Dynamic Impedance
The LT
®1004 micropower voltage reference is a
2-terminal bandgap reference diode designed to provide
high accuracy and excellent temperature characteristics at
very low operating currents. Optimization of the key
parameters in the design, processing and testing of the
device results in accuracy specifications previously attain-
able only with selected units. Below is a distribution plot of
reference voltage for a typical lot of LT1004-1.2. Virtually
all of the units fall well within the prescribed limits of
±4mV.
The LT1004 is a pin-for-pin replacement for the
LM185/LM385 series of references with improved accu-
racy specifications. More important, the LT1004 is an
attractive device for use in systems where accuracy was
previously obtained at the expense of power consump-
tion and trimming.
For a low drift micropower reference with guaranteed
temperature coefficient, see the LT1034 data sheet.
Typical Distribution of
Reference Voltage (LT1004-1.2)
Micropower Cold Junction Compensation for Thermocouples
s
Portable Meter References
s
Portable Test Instruments
s
Battery-Operated Systems
s
Current Loop Instrumentation
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
R1
100k
186
3V
LITHIUM
1.8k
1004 TA01
*
5k AT 25
°C
LT1004-1.2
1684
THERMOCOUPLE
TYPE
R1
J
233k
K
299k
T
300k
S
2.1M
* QUIESCENT CURRENT
≅ 15µA
YELLOW SPRINGS INST. CO.
PART #44007
COMPENSATES WITHIN
±1°C FROM 0°C TO 60°C
+
+
200
180
160
140
120
100
80
60
40
20
1004 TA02
1200 PARTS
TA = 25°C
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1004_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1004-1.2 LINER-LT1004-1.2 Datasheet
244Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
765Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com