Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT119A Datasheet(PDF) 4 Page - Linear Technology

Part # LT119A
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT119A Datasheet(HTML) 4 Page - Linear Technology

  LT119A_15 Datasheet HTML 1Page - Linear Technology LT119A_15 Datasheet HTML 2Page - Linear Technology LT119A_15 Datasheet HTML 3Page - Linear Technology LT119A_15 Datasheet HTML 4Page - Linear Technology LT119A_15 Datasheet HTML 5Page - Linear Technology LT119A_15 Datasheet HTML 6Page - Linear Technology LT119A_15 Datasheet HTML 7Page - Linear Technology LT119A_15 Datasheet HTML 8Page - Linear Technology LT119A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT119A/LT319A
LM119/LM319
4
119a319afc
TYPICAL PERFORMANCE CHARACTERISTICS
Transfer Function
Input Characteristics
Input Currents
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: For supply voltages less than ±15V, the maximum input voltage is
equal to the supply voltage.
Note 3: Unless otherwise noted, supply voltage equals ±15V and
VCM = 0V, TA = 25°C. The ground pin is grounded. Note that the maximum
voltage allowed between the ground pin and V+ is 18V. Do not tie the
ground pin to Vwhen the power supply voltage exceeds ±9V. The offset
voltage, offset current and bias current specifications apply for all supply
voltages between ±15V and 5V unless otherwise specified.
Note 4: The offset voltages and currents given are the maximum values
required to drive the output within 1V of either supply with a 1mA load,
thus these parameters define an error band and take into account the
worst case effects of voltage gain and input impedance.
Note 5: Response time specified is for a 100mV input step with 5mV
overdrive.
Note 6: Inputs are protected with back-to-back 5.6V zener diodes. This
limits maximum differential input voltage to ±5V if current is unlimited.
Larger differential input drive is allowed if input current is limited to ±5mA
with external resistance.
DIFFERENTIAL INPUT VOLTAGE (mV)
–1.0
30
40
0.6
LT119/319 G1
20
10
0
–0.6
–0.2
0.2
1.0
25
35
15
5.0
6
8
4
2
0
5
7
3
1
V++ = 36V
V++ = 5V
VS = ±15V
RL = 1.4k
TA = 25°C
DIFFERENTIAL INPUT VOLTAGE (V)
–10
200
300
400
6
LT119/319 G2
100
0
–100
–6
–2
2
10
VS = ±15V
TA = 25°C
MAXIMUM
DIFFERENTIAL
INPUT VOLTAGE
TEMPERATURE (°C)
–55
0
50
150
200
250
–15
25 45
125
LT119/319 G3
100
–35
5
65 85 105
VS = ±15V
BIAS
OFFSET
TIME (ns)
–100
–50
0
1
2
4
50
150 200
LT119/319 G4
0
5
6
3
0
100
250 300 350
2mV
20mV
5mV
VS = ±15V
RL = 500
V++ = 5V
TA = 25°C
TIME (ns)
0
50
0
1
2
4
50
150 200
LT119/319 G5
100
5
6
3
0
100
250 300 350
20mV
2mV
5mV
VS = 5V
RL = 500
V++ = 5V
TA = 25°C
TIME (ns)
–100
–50
0
1
2
4
50
150 200
LT119/319 G6
0
5
6
3
0
100
250 300 350
20mV
2mV
5mV
VS = 5V
RL = 500
V++ = 5V
TA = 25°C


Similar Part No. - LT119A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT119A LINER-LT119A_1 Datasheet
195Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_12 Datasheet
193Kb / 12P
   Guaranteed Maximum 0.5mV Input Offset Voltage
More results

Similar Description - LT119A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com