Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT119A Datasheet(PDF) 1 Page - Linear Technology

Part # LT119A
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT119A Datasheet(HTML) 1 Page - Linear Technology

  LT119A_15 Datasheet HTML 1Page - Linear Technology LT119A_15 Datasheet HTML 2Page - Linear Technology LT119A_15 Datasheet HTML 3Page - Linear Technology LT119A_15 Datasheet HTML 4Page - Linear Technology LT119A_15 Datasheet HTML 5Page - Linear Technology LT119A_15 Datasheet HTML 6Page - Linear Technology LT119A_15 Datasheet HTML 7Page - Linear Technology LT119A_15 Datasheet HTML 8Page - Linear Technology LT119A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT119A/LT319A
LM119/LM319
1
119a319afc
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Comparator
The LT®119A is an improved version of the LM119 dual
comparator. It features lower input offset voltage and
offset current, higher voltage gain, guaranteed common
mode rejection and input protection diodes.
The LT119A is capable of operation over a supply range
from 5V to ±15V and can drive 25mA loads from each
open collector output. A separate ground pin allows the
LT119A to isolate system grounds.
Linear Technology Corporation’s advanced processing,
designtechniquesandreliabilitymaketheLT119A/LT319A
an ideal choice over previous devices in most comparator
applications.
Window Detector*
Response Time For Various Input Overdrives
APPLICATIONS
n
Guaranteed Maximum 0.5mV Input Offset Voltage
n
Input Protection Diodes
n
Operates From Single 5V Supply
n
25mA Drive Capability
n
80ns Response Time
n
Window Detectors
n
High Speed One Shot
n
Relay/Lamp Drivers
n
Voltage Controlled Oscillators
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
+
+
5V
500
TTL OUTPUT
LT119/319 TA1
1
10
3
4
8
9
5
7
6
2
1/2 LT319A
1/2 LT319A
VUT
VOUT = 5V FOR
VLT ≤ VIN ≤ VUT
VOUT = 0V FOR
VIN ≤ VLT OR VIN ≤ VUT
VIN
VLT
*ALLOWED WINDOW FOR SINGLE 5V SUPPLY IS 1.2V TO 3.8V
TIME (ns)
0
50
0
1
2
4
50
150 200
LT119/319 TA2
100
5
6
3
0
100
250 300 350
20mV
2mV
5mV
VS = ±15V
RL = 500
V++ = 5V
TA = 25°C


Similar Part No. - LT119A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT119A LINER-LT119A_1 Datasheet
195Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_12 Datasheet
193Kb / 12P
   Guaranteed Maximum 0.5mV Input Offset Voltage
More results

Similar Description - LT119A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com