Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319 Datasheet(PDF) 3 Page - Linear Technology

Part # LM319
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM319 Datasheet(HTML) 3 Page - Linear Technology

  LM319_15 Datasheet HTML 1Page - Linear Technology LM319_15 Datasheet HTML 2Page - Linear Technology LM319_15 Datasheet HTML 3Page - Linear Technology LM319_15 Datasheet HTML 4Page - Linear Technology LM319_15 Datasheet HTML 5Page - Linear Technology LM319_15 Datasheet HTML 6Page - Linear Technology LM319_15 Datasheet HTML 7Page - Linear Technology LM319_15 Datasheet HTML 8Page - Linear Technology LM319_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT119A/LT319A
LM119/LM319
3
119a319afc
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
LT119A
LM119
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
VS = ±15V, VCM = 0
0.3
0.5
4
mV
(Note 4)
l
0.5
1.2
1.0
2.0
0.7
4
7
mV
mV
CMRR
Common Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 4)
l
20
40
75
30
75
100
nA
nA
IB
Input Bias Current
(Note 4)
l
150
500
1000
150
500
1000
nA
nA
AV
Voltage Gain
20
40
10
40
V/mV
Response Time
(Note 5)
80
80
ns
VSAT
Saturation Voltage
VIN ≤ –5mV, IO = 25mA,
V+ ≥ 4.5V, V= 0V
0.75
1.5
0.75
1.5
V
VIN ≤ –6mV, ISINK ≤ 3.2mA
TA ≥ 0°C
TA ≤ 0°C
0.23
0.4
0.6
0.23
0.4
0.6
V
V
Output Leakage Current
VIN ≥ 5mV, VOUT to V= 35V
l
0.2
1
2
10
0.2
1
2
10
µA
µA
Input Voltage Range
VS = ±15V
V+ = 5V, V= 0V
l
l
–12
1
±13
12
3
–12
1
±13
12
3
V
V
Differential Input Voltage
l
±5
±5
V
IS
Supply Current
V+ = 5V, V= 0V
4.3
4.3
mA
Positive Supply Current
VS = ±15V
8
11.5
8
11.5
mA
Negative Supply Current
VS = ±15V
3
4.5
3
4.5
mA
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
LT319A
LM319
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
VS = ±15V, VCM = 0V
0.3
0.5
8
mV
RS ≤ 5k
(Note 4)
l
0.5
1
2
2
8
10
mV
mV
CMRR
Common Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 4)
l
30
40
60
80
200
300
nA
nA
IB
Input Bias Current
(Note 4)
l
150
500
1000
250
1000
1200
nA
nA
AV
Voltage Gain
20
40
8
40
V/mV
Response Time
(Note 5)
80
80
ns
VSAT
Saturation Voltage
VIN ≤ –10mV, ISINK = 25mA
0.75
1.5
0.75
1.5
V
V+ ≥ 4.5V, V= 0V,
VIN ≤ –10mV, ISINK ≤ 3.2mA
l
0.3
0.4
0.3
0.4
V
Output Leakage Current
VIN ≥ 10mV, VOUT to V= 35V
0.2
10
0.2
10
µA
Input Voltage Range
VS = ±15V
V+ = 5V, V= 0V
l
l
1
±13
3
1
±13
3
V
V
Differential Input Voltage
l
±5
±5
V
IS
Supply Current
V+ = 5V, V= 0V
4.3
4.3
mA
Positive Supply Current
VS = ±15V
8
12.5
8
12.5
mA
Negative Supply Current
VS = ±15V
3
5
3
5
mA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LM319_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
More results

Similar Description - LM319_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com