Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM119 Datasheet(PDF) 12 Page - Linear Technology

Part # LM119
Description  Dual Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119 Datasheet(HTML) 12 Page - Linear Technology

Back Button LM119_15 Datasheet HTML 4Page - Linear Technology LM119_15 Datasheet HTML 5Page - Linear Technology LM119_15 Datasheet HTML 6Page - Linear Technology LM119_15 Datasheet HTML 7Page - Linear Technology LM119_15 Datasheet HTML 8Page - Linear Technology LM119_15 Datasheet HTML 9Page - Linear Technology LM119_15 Datasheet HTML 10Page - Linear Technology LM119_15 Datasheet HTML 11Page - Linear Technology LM119_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT119A/LT319A
LM119/LM319
12
119a319afc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 1994
LT 0412 REV C • PRINTED IN USA
TYPICAL APPLICATION
5kHz to 2MHz V
→F Converter
9
10
+
1/2 LT119A
4
3
5
7
6
12
8
11
+
10k
1/2 LT119A
5V
3.3k
20k
SET SCALE FACTOR
2k
0V TO 10V
0.01µF
22pF
–5V
5V
10k
10k
2k
3k
470
470
50pF
POLYSTYRENE
2N2369
330
5V
5V
–5V
LT1004-1.2
1M
0.1µF
TTL OUT
5kHz TO 2MHz
ALL DIODES 1N4148
LT119/319 TA9
220


Similar Part No. - LM119_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM119 TI1-LM119_14 Datasheet
326Kb / 14P
[Old version datasheet]   LM119/LM219/LM319 High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
More results

Similar Description - LM119_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com