Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1034-1 Datasheet(PDF) 4 Page - Linear Technology

Part # RH1034-1
Description  Micropower Dual Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1034-1 Datasheet(HTML) 4 Page - Linear Technology

  RH1034-1_15 Datasheet HTML 1Page - Linear Technology RH1034-1_15 Datasheet HTML 2Page - Linear Technology RH1034-1_15 Datasheet HTML 3Page - Linear Technology RH1034-1_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RH1034-1.2
4 LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0909 REV C • PRINTED IN USA
I.D. No. 66-10-103412
TOTAL DOSE KRAD (Si)
1
1.220
1.260
1.270
1.280
10
100
1000
RH10341.2 G01
1.250
1.240
1.230
IR = 100μA
TYPICAL PERFORMANCE CHARACTERISTICS
Reverse Breakdown Voltage
Change with Current (1.2V)
Reverse Breakdown Voltage (1.2V)
TOTAL DOSE KRAD (Si)
1
2.0
3.0
4.5
4.0
10
100
1000
RH10341.2 G02
1.0
1.5
2.5
3.5
0.5
0
20μA ≤ IR ≤ 2mA
Reverse Breakdown Voltage
Change with Current (1.2V)
TOTAL DOSE KRAD (Si)
1
15
20
10
100
1000
RH10341.2 G03
10
5
0
2mA ≤ IR ≤ 20mA
Reverse Breakdown Voltage
Change with Current (7V)
Reverse Breakdown Voltage (7V)
Reverse Breakdown Voltage
Change with Current (7V)
TOTAL DOSE KRAD (Si)
1
6.997
7.000
7.001
7.002
10
100
1000
RH10341.2 G04
6.999
6.998
IR = 100μA
TOTAL DOSE KRAD (Si)
1
92.2
92.6
93.0
10
100
1000
RH10341.2 G05
91.8
92.0
92.4
92.8
91.6
91.4
100μA ≤ IR ≤ 1mA
TOTAL DOSE KRAD (Si)
1
166
168
170
172
10
100
1000
RH10341.2 G06
164
162
160
158
1mA ≤ IR ≤ 20mA


Similar Part No. - RH1034-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
Micropower Dual Reference
More results

Similar Description - RH1034-1_15

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2 Datasheet
101Kb / 8P
Micropower Dual Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
Linear Technology
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
Micropower Dual Reference
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
Micropower Dual Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com