Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9309 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP9309
Description  High Efficiency 0.5W Small Cell Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9309 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQP9309_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TQP9309
High Efficiency 0.5W Small Cell Power Amplifier
Pin Configuration and Description
Pin No.
Label
Description
1
Vbias
Provides reference voltage for internal active biasing circuit
2
Vcc
DC voltage supply connection
3, 4, 5, 6, 8, 9, 10
GND/NC
No internal connection. Provide grounded land pads for PCB
mounting integrity.
7
RFout
RF output pin. The DC is internally blocked at this pin.
11
Vpd2
Power down for Amp 1. This voltage adjusts for the current draw in
Amp 1.
12
Vpd1
Power down for Amp 2. This voltage adjusts for the current draw in
Amp 2.
13
RFin
RF input pin. The DC is internally blocked at this pin.
Backside Paddle
RF/DC GND
RF/DC ground. Use recommended via pattern to minimize
inductance and thermal resistance; see PCB Mounting Pattern for
suggested footprint.
Datasheet: Rev D 01-30-15
- 6 of 8 -
Disclaimer: Subject to change
© 2015 TriQuint
www.triquint.com


Similar Part No. - TQP9309_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9321 TRIQUINT-TQP9321 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
TQP9321-PCB TRIQUINT-TQP9321-PCB Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
More results

Similar Description - TQP9309_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7232 SKYWORKS-AWB7232 Datasheet
799Kb / 10P
   Small-Cell Power Amplifier Module
logo
TriQuint Semiconductor
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
logo
Transcom, Inc.
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
logo
Panasonic Semiconductor
AN7112 PANASONIC-AN7112 Datasheet
152Kb / 3P
   0.5W Audio Power Amplifier
logo
Sanyo Semicon Device
LA4140 SANYO-LA4140 Datasheet
289Kb / 3P
   0.5W AF Power Amplifier
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
logo
ANADIGICS, Inc
AWB7228 ANADIGICS-AWB7228 Datasheet
673Kb / 9P
   2.545 - 2.69 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com