Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9309 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP9309
Description  High Efficiency 0.5W Small Cell Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9309 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP9309_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP9309_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TQP9309
High Efficiency 0.5W Small Cell Power Amplifier
Performance Plots (continued)
Datasheet: Rev D 01-30-15
- 4 of 8 -
Disclaimer: Subject to change
© 2015 TriQuint
www.triquint.com


Similar Part No. - TQP9309_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9321 TRIQUINT-TQP9321 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
TQP9321-PCB TRIQUINT-TQP9321-PCB Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
More results

Similar Description - TQP9309_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7232 SKYWORKS-AWB7232 Datasheet
799Kb / 10P
   Small-Cell Power Amplifier Module
logo
TriQuint Semiconductor
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
logo
Transcom, Inc.
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
logo
Panasonic Semiconductor
AN7112 PANASONIC-AN7112 Datasheet
152Kb / 3P
   0.5W Audio Power Amplifier
logo
Sanyo Semicon Device
LA4140 SANYO-LA4140 Datasheet
289Kb / 3P
   0.5W AF Power Amplifier
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
logo
ANADIGICS, Inc
AWB7228 ANADIGICS-AWB7228 Datasheet
673Kb / 9P
   2.545 - 2.69 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com