Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 15 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 15 Page - NEC

Back Button UPD178004A Datasheet HTML 11Page - NEC UPD178004A Datasheet HTML 12Page - NEC UPD178004A Datasheet HTML 13Page - NEC UPD178004A Datasheet HTML 14Page - NEC UPD178004A Datasheet HTML 15Page - NEC UPD178004A Datasheet HTML 16Page - NEC UPD178004A Datasheet HTML 17Page - NEC UPD178004A Datasheet HTML 18Page - NEC UPD178004A Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
15
µPD178004A, 178006A, 178016A, 178018A
5. PERIPHERAL HARDWARE FUNCTION FEATURES
5.1 PORTS
The following 3 types of I/O ports are available.
• CMOS input (P00)
:
1
• CMOS input/output (P01 to P06, port 1 to port 5, P64 to P67, port 12) : 54
• N-channel open-drain input/output (P60 to P63)
:
4
• N-ch open drain output (Port 13)
:
3
Total
: 62
Table 5-1. Port Functions
Input/output port pins. Input/output specifiable bit-wise.
Dedicated input port pins
Port 0
P00
P01 to P06
Input/output port pins. Input/output specifiable bit-wise.
Port 1
P10 to P15
Input/output port pins. Input/output specifiable bit-wise.
Port 3
P30 to P37
Input/output port pins. Input/output specifiable bit-wise.
Port 2
P20 to P27
Port 4
P40 to P47
Input/output port pins. Input/output specifiable in 8-bit units.
Test flag (KRIF) is set to 1 by falling edge detection.
Input/output port pins. Input/output specifiable bit-wise.
Port 5
P50 to P57
N-channel open-drain input/output port pins. Input/output specifiable bit-wise.
LED direct drive capability.
Port 6
P60 to P63
P64 to P67
Port 12
P120 to P125
Input/output port pins. Input/output specifiable bit-wise.
Input/output port pins. Input/output specifiable bit-wise.
N-ch open drain output port.
Port 13
P132 to P134
Pin Name
Function
Name


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com