Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 16 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 16 Page - NEC

Back Button UPD178004A Datasheet HTML 12Page - NEC UPD178004A Datasheet HTML 13Page - NEC UPD178004A Datasheet HTML 14Page - NEC UPD178004A Datasheet HTML 15Page - NEC UPD178004A Datasheet HTML 16Page - NEC UPD178004A Datasheet HTML 17Page - NEC UPD178004A Datasheet HTML 18Page - NEC UPD178004A Datasheet HTML 19Page - NEC UPD178004A Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
µPD178004A, 178006A, 178016A, 178018A
5.2 CLOCK GENERATOR
The instruction execution time can be changed as follows.
0.44
µs/0.88 µs/1.78 µs/3.56 µs/7.11 µs/14.22 µs (@ 4.5-MHz crystal oscillator with system clock.)
Figure 5-1. Clock Generator Block Diagram
X1
X2
fXX
Prescaler
System
Clock
Oscillator
Clock to peripheral
hardware other than
the above.
Clock to the PLL
frequency synthesizer,
basic timer and buzzer
output control circuit.
CPU Clock
(fCPU)
Standby
Control
Circuit
Wait Control
Circuit
To INTP0
Sampling Clock
2
fXX
22
fXX
23
fXX
24
fXX
Prescaler
Selector
Selector
fX
fX
2
STOP
Scaler
5.3 TIMER
The
µPD178004A, 178006A, 178016A, and 178018A incorporate 5 channels of the timer.
• Basic timer
: 1 channel
• 8-bit timer/event counter
: 2 channels
• 8-bit timer (D/A converter) Note
: 1 channel
• Watchdog timer
: 1 channel
Note
Used is shared with the 8/9-bit resolution
× 3-channel D/A converter (PWM output).
Figure 5-2. Basic Timer Block Diagram
Divider
4.5 MHz
INTTMC


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com