Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 12 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 12 Page - NEC

Back Button UPD178004A Datasheet HTML 8Page - NEC UPD178004A Datasheet HTML 9Page - NEC UPD178004A Datasheet HTML 10Page - NEC UPD178004A Datasheet HTML 11Page - NEC UPD178004A Datasheet HTML 12Page - NEC UPD178004A Datasheet HTML 13Page - NEC UPD178004A Datasheet HTML 14Page - NEC UPD178004A Datasheet HTML 15Page - NEC UPD178004A Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
12
µPD178004A, 178006A, 178016A, 178018A
Figure 3-1. Pin Input/Output Circuit of List (1/2)
IN
IN/OUT
input
enable
output
disable
data
VDD
P-ch
N-ch
Type 2
Type 5
Schmitt-Triggered Input with
Hysteresis Characteristics
Type 5-G
Type 11-A
Type 10
Type 8
IN/OUT
output
disable
data
VDD
P-ch
N-ch
IN/OUT
output
disable
data
VDD
P-ch
N-ch
IN/OUT
open-drain
output disable
data
VDD
P-ch
N-ch
IN/OUT
output
disable
data
VDD
P-ch
N-ch
P-ch
comparator
N-ch
input
enable
VREF (Threshold voltage)
+
_
Remark All VDD and GND in the above figures are the positive power supply and ground potential of the ports,
and should be read as VDDPORT and GNDPORT, respectively.


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com