Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 38 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 38 Page - NEC

Back Button UPD178004A Datasheet HTML 34Page - NEC UPD178004A Datasheet HTML 35Page - NEC UPD178004A Datasheet HTML 36Page - NEC UPD178004A Datasheet HTML 37Page - NEC UPD178004A Datasheet HTML 38Page - NEC UPD178004A Datasheet HTML 39Page - NEC UPD178004A Datasheet HTML 40Page - NEC UPD178004A Datasheet HTML 41Page - NEC UPD178004A Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
µPD178004A, 178006A, 178016A, 178018A
(vii) I2C Bus mode (SCL ... internal clock output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCL cycle time
tKCY7
R = 1 k
10
µs
SCL high-level width
tKH7
C = 100 pF Note
tKCY7 – 160
ns
SCL low-level width
tKL7
tKCY7 – 50
ns
SDA0, SDA1 setup time (to SCL
↑)
tSIK7
200
ns
SDA0, SDA1 hold time
tKSI7
0ns
(from SCL
↓)
SDA0, SDA1 output delay time
tKSO7
4.5 V
≤ VDD ≤ 5.5 V
0
300
ns
(from SCL
↓)
3.5 V
≤ VDD < 4.5 V
0
500
ns
SDA0, SDA1
↓ from SCL↑ or
tKSB
200
ns
SDA0, SDA1
↑ from SCL↑
SCL
↓ from SDA0, SDA1↓
tSBK
400
ns
SDA0, SDA1 high-level width
tSBH
500
ns
Note
R and C are the load resistance and load capacitance of SCL, SDA0 and SDA1 output line.
(viii) I2C Bus mode (SCL ... external clock input)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCL cycle time
tKCY8
1 000
ns
SCL high-/low-level width
tKH8, tKL8
400
ns
SDA0, SDA1 setup time (to SCL
↑)
tSIK8
200
ns
SDA0, SDA1 hold time
tKSI8
0ns
(from SCL
↓)
SDA0, SDA1 output delay time
tKSO8
R = 1 k
4.5 V
≤ VDD ≤ 5.5 V
0
300
ns
from SCL
C = 100 pF Note 3.5 V ≤ VDD < 4.5 V
0
500
ns
SDA0, SDA1
↓ from SCL↑ or
tKSB
200
ns
SDA0, SDA1
↑ from SCL↑
SCL
↓ from SDA0, SDA1↓
tSBK
400
ns
SDA0, SDA1 high-level width
tSBH
500
ns
SCL at rising or falling edge time
tR8, tF8
1 000
ns
Note
R and C are the load resistance and load capacitance of SDA0 and SDA1 output line.


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com