Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 35 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 35 Page - NEC

Back Button UPD178004A Datasheet HTML 31Page - NEC UPD178004A Datasheet HTML 32Page - NEC UPD178004A Datasheet HTML 33Page - NEC UPD178004A Datasheet HTML 34Page - NEC UPD178004A Datasheet HTML 35Page - NEC UPD178004A Datasheet HTML 36Page - NEC UPD178004A Datasheet HTML 37Page - NEC UPD178004A Datasheet HTML 38Page - NEC UPD178004A Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
35
µPD178004A, 178006A, 178016A, 178018A
(2) SERIAL INTERFACE (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
(a) Serial interface channel 0
(i) 3-wire serial I/O mode (SCK0 ... internal clock output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
tKCY1
4.5 V
≤ VDD ≤ 5.5 V
800
ns
3.5 V
≤ VDD < 4.5 V
1 600
ns
SCK0 high-/low-level width
tKH1,
4.5 V
≤ VDD ≤ 5.5 V
tKCY1/2 – 50
ns
tKL1
3.5 V
≤ VDD < 4.5 V
tKCY1/2 – 100
ns
SI0 setup time (to SCK0
↑)tSIK1
4.5 V
≤ VDD ≤ 5.5 V
100
ns
3.5 V
≤ VDD < 4.5 V
150
ns
SI0 hold time (from SCK0
↑)tKSI1
400
ns
SO0 output delay time from SCK0
tKSO1
C = 100 pF Note
300
ns
Note
C is the load capacitance of SO0 output line.
(ii) 3-wire serial I/O mode (SCK0 ... external clock input)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
tKCY2
4.5 V
≤ VDD ≤ 5.5 V
800
ns
3.5 V
≤ VDD < 4.5 V
1 600
ns
SCK0 high-/low-level width
tKH2,
4.5 V
≤ VDD ≤ 5.5 V
400
ns
tKL2
3.5 V
≤ VDD < 4.5 V
800
ns
SI0 setup time (to SCK0
↑)tSIK2
100
ns
SI0 hold time (from SCK0
↑)tKSI2
400
ns
SO0 output delay time from SCK0
tKSO2
C = 100 pF Note
300
ns
SCK0 at rising or falling edge time
tR2, tF2
1 000
ns
Note
C is the load capacitance of SO0 output line.


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com